Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4488 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 16Page - STMicroelectronics AN4488 Datasheet HTML 17Page - STMicroelectronics AN4488 Datasheet HTML 18Page - STMicroelectronics AN4488 Datasheet HTML 19Page - STMicroelectronics AN4488 Datasheet HTML 20Page - STMicroelectronics AN4488 Datasheet HTML 21Page - STMicroelectronics AN4488 Datasheet HTML 22Page - STMicroelectronics AN4488 Datasheet HTML 23Page - STMicroelectronics AN4488 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Package
AN4488
20/44
DocID026304 Rev 3
3.2
Pinout Compatibility
Table 6 allows to select the right package depending on required signals. Note the two
different pinouts for 64 and 100 pins which require specific connection in case board
compatibility is required. See Table 10 and 11.
Note that Chip Scale Package of different products even with same pinout might have
different package dimensions which might be taken into account for PCB clearance. See
Table 5.
Table 6. Pinout summary
Pin Name
xQFP/xQFN
xBGA
xCSP
48
64
100
144
176
208
100
144
169
176
216
49
81
90
143
Number of IOs
36
51(1)
50(2)
82(1)
81(2)
114
140
168
81
114
130
140
168
36
63
72
114
Specific IOs availability
PA0-WKUP
XXX
XXX
XXXX
XXX
XX
PB2-BOOT1
XXX
XXX
XXXX
XXX
XX
PC13-
ANTI_TAMP
XXX
XXX
XXXX
XXX
XX
PC14-OSC32_IN
XXX
XXX
XXXX
XXX
XX
PC15-
OSC32_OUT
XXX
XXX
XXXX
XXX
XX
PH0 - OSC_IN
XXX
XXX
XXXX
XXX
XX
PH1 - OSC_OUT
XXX
XXX
XXXX
XXX
XX
PI8- ANTI TAMP2
---
-
X
X
---
X
X
--
--
System related pins
BOOT0
XXX
XXX
XXXX
XXX
XX
NRST
XXX
XXX
XXXX
XXX
XX
BYPASS_REG
-
-
-
-
X
XXXX
X
X
XX
PDR_ON
-
-
-
XXX
XXXX
XXX
XX
Supplies pins
VBAT
XXX
XXX
XXXX
XX
-
X
X
VDDA
-
-
X
XXX
XXXX
X
-
-
-
X
VREF+
-
-
X
XXX
XXXX
X
-
-
-
X
VDDA/VREF+
X
X
-
---
----
-
X
X
X
VSSA
-
-
-
-
-
-
XXXX
X
-
-
-
-
VREF-
-
-
-
-
-
-
XXXX
X
-
-
-
-
VSSA/VREF-
X
X
X
X
X
X
----
-
X
X
X
X
VDDUSB33
-
-
-
X(3)
--
-
X
--
--
X
-
-
number of VDD(4)
34
6
12(1)
11(5)
15
17
4
121414
18
3
5
5
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com