Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4488 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 14Page - STMicroelectronics AN4488 Datasheet HTML 15Page - STMicroelectronics AN4488 Datasheet HTML 16Page - STMicroelectronics AN4488 Datasheet HTML 17Page - STMicroelectronics AN4488 Datasheet HTML 18Page - STMicroelectronics AN4488 Datasheet HTML 19Page - STMicroelectronics AN4488 Datasheet HTML 20Page - STMicroelectronics AN4488 Datasheet HTML 21Page - STMicroelectronics AN4488 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Package
AN4488
18/44
DocID026304 Rev 3
3
Package
3.1
Package Selection
Package should be selected by taking into account the constrains that are strongly
dependent upon the application.
The list below summarizes the more frequent ones:
–
Amount of interfaces required.
Some interfaces might not be available on some packages.
Some interfaces combinations could not be possible on some packages
–
PCB technology constrains.
Small pitch and high ball density could require more PCB layers and higher class
PCB
–
Package height
–
PCB available area
–
Noise emission or signal integrity of high speed interfaces.
Smaller packages usually provide better signal integrity. This is further enhanced
as Small pitch and high ball density requires multilayer PCBs which allow better
supply/ground distribution.
–
Compatibility with other devices.
Table 4. Package summary (Excluding WCSP)
Size (mm)(1)
Pitch (mm)
0.5
0.5
0.5
0.5
0.5
0.5
0.8
0.5
0.5
0.65
0.5
0.8
Height (mm)
0.6
1.6
1.6
0.6
1.6
0.6
0.6
1.6
0.6
0.6
1.6
1.1
Sales numbers
STM32F405xx / 407xx
/ 415xx / 417xx
-X
X-
X-
-X-X-
-
STM32F42xxx / 43xxx
-
-
X
-
X
-
-
XXXX
X
STM32F401xB/C
XXXX
-------
-
STM32F401xD/E
XXXX
-------
-
STM32F411xx
XXXX
-
----
-
STM32F446XX
-
X
X
-
X
X
X
----
-
1. body size, excluding pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com