Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4488 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 6Page - STMicroelectronics AN4488 Datasheet HTML 7Page - STMicroelectronics AN4488 Datasheet HTML 8Page - STMicroelectronics AN4488 Datasheet HTML 9Page - STMicroelectronics AN4488 Datasheet HTML 10Page - STMicroelectronics AN4488 Datasheet HTML 11Page - STMicroelectronics AN4488 Datasheet HTML 12Page - STMicroelectronics AN4488 Datasheet HTML 13Page - STMicroelectronics AN4488 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Power supplies
AN4488
10/44
DocID026304 Rev 3
2.3
Reset & power supply supervisor
2.3.1
Power on reset (POR) / power down reset (PDR)
The device has an integrated POR/PDR circuitry that allows proper operation starting from
1.8 V.
The device remains in the Reset mode as long as VDD is below a specified threshold,
VPOR/PDR, without the need for an external reset circuit. For more details concerning the
power on/power down reset threshold, refer to the electrical characteristics in the product
datasheets.
Figure 2. Power-on reset/power-down reset waveform
1. tRSTTEMPO is approximately 2.6 ms. VPOR/PDR rising edge is 1.74 V (typ.) and VPOR/PDR falling edge is
1.70 V (typ.). Refer to STM32F4xxxx datasheets for actual value.
The internal power-on reset (POR) / power-down reset (PDR) circuitry is disabled through
the PDR_ON pin. An external power supply supervisor should monitor VDD and should
maintain the device in reset mode as long as VDD is below a specified threshold. PDR_ON
should be connected to this external power supply supervisor. See Section 2.3.4 and
Section 2.3.5 for details.
2.3.2
Programmable voltage detector (PVD)
You can use the PVD to monitor the VDD power supply by comparing it to a threshold
selected by the PLS[2:0] bits in the Power control register (PWR_CR).
The PVD is enabled by setting the PVDE bit.
A PVDO flag is available, in the Power control/status register (PWR_CSR), to indicate
whether VDD is higher or lower than the PVD threshold. This event is internally connected to
EXTI Line16 and can generate an interrupt if enabled through the EXTI registers. The PVD
output interrupt can be generated when VDD drops below the PVD threshold and/or when
VDD rises above the PVD threshold depending on the EXTI Line16 rising/falling edge
configuration. As an example the service routine can perform emergency shutdown tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com