Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4488 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 26Page - STMicroelectronics AN4488 Datasheet HTML 27Page - STMicroelectronics AN4488 Datasheet HTML 28Page - STMicroelectronics AN4488 Datasheet HTML 29Page - STMicroelectronics AN4488 Datasheet HTML 30Page - STMicroelectronics AN4488 Datasheet HTML 31Page - STMicroelectronics AN4488 Datasheet HTML 32Page - STMicroelectronics AN4488 Datasheet HTML 33Page - STMicroelectronics AN4488 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Boot configuration
AN4488
30/44
DocID026304 Rev 3
5
Boot configuration
5.1
Boot mode selection
In the STM32F4xxxx, three different boot modes can be selected by means of the
BOOT[1:0] pins as shown in Table 7.
The values on the BOOT pins are latched on the 4th rising edge of SYSCLK after a reset. It
is up to the user to set the BOOT1 and BOOT0 pins after reset to select the required boot
mode.
The BOOT pins are also resampled when exiting the Standby mode. Consequently, they
must be kept in the required Boot mode configuration in the Standby mode. After this startup
delay has elapsed, the CPU fetches the top-of-stack value from address 0x0000 0000, and
starts code execution from the boot memory starting from 0x0000 0004.
5.2
Boot pin connection
Figure 22 shows the external connection required to select the boot memory of the
STM32F4xxxx.
Figure 22. Boot mode selection implementation example
1. Resistor values are given only as a typical example.
Table 7. Boot modes
BOOT mode selection pins
Boot mode
Aliasing
BOOT1
BOOT0
x
0
Main Flash memory
Main Flash memory is selected as boot space
0
1
System memory
System memory is selected as boot space
1
1
Embedded SRAM
Embedded SRAM is selected as boot space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com