Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 4Page - STMicroelectronics UM1870 Datasheet HTML 5Page - STMicroelectronics UM1870 Datasheet HTML 6Page - STMicroelectronics UM1870 Datasheet HTML 7Page - STMicroelectronics UM1870 Datasheet HTML 8Page - STMicroelectronics UM1870 Datasheet HTML 9Page - STMicroelectronics UM1870 Datasheet HTML 10Page - STMicroelectronics UM1870 Datasheet HTML 11Page - STMicroelectronics UM1870 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Hardware description
UM1870
8/58
DocID027602 Rev 1
2.1.1
Microcontroller and connections
The board features an STM32L151RB microcontroller, which is an ultra low-power
microcontroller with 128 KB of Flash memory, 16 KB of RAM, 32-bit core ARM cortex-M3, 4
KB of data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC, DAC and comparators.
The microcontroller is connected to various components such as buttons, LEDs and
connectors for external circuitry. The following table shows what functionality is available on
each microcontroller pin.
Table 1. MCU pin description versus board function
Pin
name
Pin
Board function
LEDs
DB connector
Buttons /
joystick
Acceler.
Temp.
sensor
USB
JTAG
Ext.
conn
VLCD
1
PC13
2
DB_SDN_RST
PC14
3
3
PC15
4
5
OSC_IN
5
OSC_O
UT
6
NRST
7
RESET
7
PC0
8
LED1
PC1
9
LED2
PC2
10
DB_PIN3
PC3
11
9
VSSA
12
VDDA
13
PA0
14
11
PA1
15
13
PA2
16
15
PA3
17
17
VSS_4
18
VDD_4
19
PA4
20
SPI1_NSS
PA5
21
SPI1_SCK
PA6
22
SPI1_MISO
PA7
23
SPI1_MOSI
PC4
24
LED4
PC5
25
LED5
PB0
26
JOY_DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com