| Electronic Components Datasheet Search |
|
UM1870 Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1870 Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 58 page ![]() BlueNRG-MS chat demo application UM1870 42/58 DocID027602 Rev 1 initiated by the central in order to access that characteristic. On BLE chat demo, a fixed pin (123456) is used as follows: aci_gap_set_auth_requirement(MITM_PROTECTION_REQUIRED,OOB_AUTH_DATA_AB SENT,NULL,7,16, USE_FIXED_PIN_FOR_PAIRING,123456,BONDING); 6.2.4 Enter connectable mode On BLE chat, server role device uses GAP ACI commands to enter into general discoverable mode: aci_gap_set_discoverable(ADV_IND, 0, 0, PUBLIC_ADDR, NO_WHITE_LIST_USE,8, local_name, 0, NULL, 0, 0); The local_name parameter contains the name that will be present in advertising data, as described in the Bluetooth core specification version 4.1, Vol. 3, Part C, Ch. 11. 6.2.5 Connection with central device Once the BLE chat, server role device is put in a discoverable mode, it can be seen by the BLE chat, client role device in order to create a Bluetooth low energy connection. On BLE chat, client role device uses GAP ACI commands to connect with the BLE chat, server role device in advertising mode: aci_gap_create_connection(0x4000, 0x4000, PUBLIC_ADDR, bdaddr, PUBLIC_ADDR, 9, 9, 0, 60, 1000, 1000); where bdaddr is the peer address of the BLE chat, client role device. Once the 2 devices are connected, the user can set up a serial terminal and type into each of them. The typed characters will be respectively stored in 2 buffers and upon pressing the keyboard return key, BLE communication will work as follows: 1. On BLE chat, server role device, the typed characters will be sent to BLE chat, client role device by notifying the TX characteristic that has been previously added (after notifications have been enabled). This can be done using the following command: aci_gatt_update_char_value(chatServHandle,TXCharHandle,0,len,(tHalUint8 *)cmd+j) 2. On BLE chat, client role device, the typed characters will be sent to the BLE chat, server role device, by writing the RX characteristic that has been previously added. This can be done using the following command: aci_gatt_write_without_response(connection_handle, RX_HANDLE+1, len, (tHalUint8 *)cmd+j) Where connection_handle is the handle returned on connection creation as a parameter of the EVT_LE_CONN_COMPLETE event. Once these ACI commands have been sent, the values of the TX, RX characteristics are displayed on the serial terminals. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |