Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 44Page - STMicroelectronics UM1870 Datasheet HTML 45Page - STMicroelectronics UM1870 Datasheet HTML 46Page - STMicroelectronics UM1870 Datasheet HTML 47Page - STMicroelectronics UM1870 Datasheet HTML 48Page - STMicroelectronics UM1870 Datasheet HTML 49Page - STMicroelectronics UM1870 Datasheet HTML 50Page - STMicroelectronics UM1870 Datasheet HTML 51Page - STMicroelectronics UM1870 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
BLE remote control demo application
UM1870
48/58
DocID027602 Rev 1
#else
ret = aci_gatt_add_char(RCServHandle, UUID_TYPE_128, controlPointUuid, 1,
CHAR_PROP_READ|CHAR_PROP_WRITE|CHAR_PROP_WRITE_WITHOUT_RESP,
ATTR_PERMISSION_NONE, GATT_NOTIFY_ATTRIBUTE_WRITE, 16, 1,
&controlPointHandle);
#endif
Where controlPointUuid is the private characteristic 128-bit UUID allocated for BLE Remote
Control characteristic (ed0efb1a-9b0d-11e4-89d3-123b93f75cba).
If security is enabled, the characteristic properties must be set accordingly to enable
authentication on controlPointUuid characteristic read and write.
8.2.4
Connection with a BLE Central device
When connected to a BLE Central device (another BlueNRG-MS device or any SMART
READY device), the controlPointUuid characteristic is used to control the BLE Remote
Control platform LED. Each time a write operation is done on controlPointUuid, the
EVT_BLUE_GATT_ATTRIBUTE_MODIFIED event is raised on the HCI_Event_CB ()
callback and the selected LED/LEDs are turned on or off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com