Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 15Page - STMicroelectronics UM1870 Datasheet HTML 16Page - STMicroelectronics UM1870 Datasheet HTML 17Page - STMicroelectronics UM1870 Datasheet HTML 18Page - STMicroelectronics UM1870 Datasheet HTML 19Page - STMicroelectronics UM1870 Datasheet HTML 20Page - STMicroelectronics UM1870 Datasheet HTML 21Page - STMicroelectronics UM1870 Datasheet HTML 22Page - STMicroelectronics UM1870 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
DocID027602 Rev 1
19/58
UM1870
GUI software description
58
• Change HS startup time parameter. This parameter control the time offset between the
wakeup of the device and the start of RX/TX phase. It must be big enough to allow the
device to be ready to transmit or receive after wakeup from sleep. This time depends on
the startup time of the high speed crystal.
• Change sleep clock accuracy. This must reflect the actual clock accuracy, depending on
the low speed oscillator or crystal in use.
• Set low speed (LS) crystal period and frequency
• View/change date to distinguish between different versions of configurations.
• View registers that are written into the radio (hot and cold table)
• Set some test modes for specific tests
• Read IFR content from BlueNRG-MS.
• Write IFR configuration to BlueNRG-MS IFR.
The following general utilities are also available:
• Load button: allows to load a configuration file.
• Save button: allows to save the current parameters into a configuration file.
Flash motherboard firmware
The BlueNRG-MS GUI embeds a utility that allows to Flash firmware to the STM32L
microcontroller on the motherboard without a JTAG/SWD programmer. This utility uses a
bootloader that has been programmed in the first 12 KB of the Flash. Any application to be
programmed to the STM32L by this tool must first consider that the lower area of the Flash
is used by the bootloader(b).
OTA bootloader
OTA bootloader is a tool that allows to Flash new firmware to the STM32L of a remote
device via Bluetooth low energy technology. Refer to the dedicated application note for
more information.
Get production data
From the tools menu it is possible to retrieve production information from the BlueNRG-MS
daughterboard. This data is stored in the EEPROM on the daughterboard.
Get version
The Get version tool is used to retrieve the version of the BlueNRG-MS GUI firmware
(VCOM) on the STM23L, and hardware and firmware version from the BlueNRG-MS.
Settings
This tool allows to configure the firmware stack version to be used from the GUI (when no
device is actually connected to a PC USB port). Further, it allows to configure the GUI serial
baud rate (valid only for communication over serial UART and not through USB Virtual
COM).
In order to use this function.
b.
Two precautions must be taken for any firmware: 1) change memory regions in linker script (vector table and
Flash must start at 0x08003000); 2) Change the vector table offset (NVIC_SetVectorTable())



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com