Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 33Page - STMicroelectronics UM1870 Datasheet HTML 34Page - STMicroelectronics UM1870 Datasheet HTML 35Page - STMicroelectronics UM1870 Datasheet HTML 36Page - STMicroelectronics UM1870 Datasheet HTML 37Page - STMicroelectronics UM1870 Datasheet HTML 38Page - STMicroelectronics UM1870 Datasheet HTML 39Page - STMicroelectronics UM1870 Datasheet HTML 40Page - STMicroelectronics UM1870 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
DocID027602 Rev 1
37/58
UM1870
BlueNRG-MS sensor profile demo
58
BlueNRG-MS can send notifications of the characteristic that has been previously added,
with UUID 0xA002 (after notifications have been enabled). This can be done using the
following command:
–
ACI_GATT_UPD_CHAR_VALUE(Service_Handle=0x000C,
Char_Handle=0x000D, Val_Offset=0, Char_Value_Length=0x05,
Char_Value='hello')
Once this ACI command has been sent, the new value of the characteristic will be displayed
on the phone.
5.4
BlueNRG-MS sensor demo: central profile role
This application implements a basic version of the BlueNRG-MS Sensor Profile Central role
which emulates the BlueNRG-MS Sensor Demo applications available for smartphones
(iOS and Android).
It configures a BlueNRG-MS device as a BlueNRG-MS Sensor device, Central role which is
able to find, connect and properly configure the free fall, acceleration and environment
sensor characteristics provided by a BlueNRG-MS development platform, configured as a
BlueNRG-MS Sensor device, Peripheral role.
This application uses a new set of APIs that allow the performance of the following
operations on a BlueNRG-MS Master/Central device:
– Master Configuration Functions
– Master Device Discovery Functions
– Master Device Connection Functions
– Master Discovery Services & Characteristics Functions
– Master Data Exchange Functions
– Master Security Functions
– Master Common Services Functions
These APIs are provided through binary libraries available on Projects\Bluetooth
LE\Profile_Framework_Central\library. The master library APIs are documented in doxygen
format within the SW package.
The BlueNRG-MS Sensor Demo Central role is supported on the BlueNRG-MS
development platform (STEVAL-IDB005V1).
The sections that follow describe how to use the master library APIs for configuring a
BlueNRG-MS Sensor Demo Central device.
5.4.1
Initialization
BlueNRG-MS's master library must be correctly initialized before establishing a connection
with another
Bluetooth LE device. This is done with this command:
– Master_Init(&param)
param variable allows to set the initialization parameters (device address, name, …).
Refer to the master library doxygen documentation for more information about the
command and related parameters.
On the application main loop, the Master_Process() API has to be called in order to process
the Master library state machines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com