Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 13Page - STMicroelectronics UM1870 Datasheet HTML 14Page - STMicroelectronics UM1870 Datasheet HTML 15Page - STMicroelectronics UM1870 Datasheet HTML 16Page - STMicroelectronics UM1870 Datasheet HTML 17Page - STMicroelectronics UM1870 Datasheet HTML 18Page - STMicroelectronics UM1870 Datasheet HTML 19Page - STMicroelectronics UM1870 Datasheet HTML 20Page - STMicroelectronics UM1870 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
DocID027602 Rev 1
17/58
UM1870
GUI software description
58
Figure 7. Raw packet dump
Some events (displayed in yellow cells) can provide other information. HCI packets sent
towards the BLE controller are displayed in gray cells while received packets are shown
inside white cells.
The Sent/received packets table can be cleared by clicking on clear list button. Update and
auto-scrolling check boxes enable or disable updating and auto-scrolling of the
Sent/received packets table while new packets are sent or received (however, information
will still be printed).
3.2.2
Tools
The BlueNRG-MS GUI has some functions that can be accessed through the tools menu.
These tools are described in this section.
BlueNRG-MS updater
This tool can be used to update the firmware inside the BlueNRG-MS by using its internal
bootloader. VCOM firmware must be present on the STM32L and COM port must be open,
in order to use this function.
1.
Go to Tools -> BlueNGR updater
2.
Select the correct stack firmware (.img)
3.
Press update to start the update procedure. If the procedure completes with no errors,
the new firmware has been loaded into the BlueNRG-MS internal Flash.
BlueNRG-MS IFR
To preserve BlueNRG-MS's flexibility, its firmware uses a table of configurable parameters.
This table resides in a sector of the Flash called Information Register (IFR). The BlueNRG-
MS IFR tool can read and modify this portion of BlueNRG-MS's Flash. This tool is available
in BlueNRG-MS GUI, Tools, BlueNRG IFR... item.
The BlueNRG-MS GUI IFR utility is a tool that allow the customer to define the IFR data in a
controller way. Using this utility is the only supported mode to define IFR data based on
customer needs. The utility provides the following windows:
• View/Edit view: displays the IFR regions with related fields and description. The user can
modify some of these fields according to his needs.
• Memory view: displays the IFR field memory addresses and related values that are
generated by BlueNRG-MS GUI according to the specified values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com