Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 8Page - STMicroelectronics UM1870 Datasheet HTML 9Page - STMicroelectronics UM1870 Datasheet HTML 10Page - STMicroelectronics UM1870 Datasheet HTML 11Page - STMicroelectronics UM1870 Datasheet HTML 12Page - STMicroelectronics UM1870 Datasheet HTML 13Page - STMicroelectronics UM1870 Datasheet HTML 14Page - STMicroelectronics UM1870 Datasheet HTML 15Page - STMicroelectronics UM1870 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
Hardware description
UM1870
12/58
DocID027602 Rev 1
2.2
BlueNRG-MS daughterboard
The BlueNRG-MS daughterboard (Figure 3) included in the development kit is a small
circuit board to be connected to the main board. It contains the BlueNRG-MS network
processor (in a QFN32 package), an SMA antenna connector, discrete passive components
for RF matching and balun, and small number of additional components required by the
BlueNRG-MS for proper operation (see the schematic diagram in Figure 18).
Figure 3. BlueNRG-MS daughterboard
The main features of the BlueNRG-MS daughterboard are:
BlueNRG-MS low power network processor for Bluetooth low energy (BLE), with
embedded host stack
High frequency 16 MHz crystal
Low frequency 32 kHz crystal for the lowest power consumption
Integrated balun and harmonic filter
SMA connector
The daughterboard is also equipped with a discrete inductor for the integrated high-
efficiency DC-DC converter, for best-in-class power consumption. It is still possible to
disable the DC-DC converter. In this case the following changes must be performed on the
daughterboard (see Figure 18):
Remove inductor from solder pads 1 and 2 of D1
Place a 0 ohm resistor between pads 1 and 3
Move resistor on R2 to R1
For proper operation, jumpers must be set as indicated in Figure 3.
The following tables show the connections between the daughterboard and the main board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com