Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 29Page - STMicroelectronics UM1870 Datasheet HTML 30Page - STMicroelectronics UM1870 Datasheet HTML 31Page - STMicroelectronics UM1870 Datasheet HTML 32Page - STMicroelectronics UM1870 Datasheet HTML 33Page - STMicroelectronics UM1870 Datasheet HTML 34Page - STMicroelectronics UM1870 Datasheet HTML 35Page - STMicroelectronics UM1870 Datasheet HTML 36Page - STMicroelectronics UM1870 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
DocID027602 Rev 1
33/58
UM1870
BlueNRG-MS sensor profile demo
58
5
BlueNRG-MS sensor profile demo
The software development kit contains an example, which implements a proprietary
Bluetooth profile: the sensor profile. This example is useful for building new profiles and
applications that use the BlueNRG-MS network processor. This GATT profile is not
compliant to any existing specification. The purpose of this project is simply to show how to
implement a given profile.
This profile exposes two services: acceleration service and environmental service.
Figure 13 shows the whole GATT database, including the GATT and GAP services that are
automatically added by the stack.
One of the acceleration service’s characteristics has been called free-fall characteristic. This
characteristic cannot be read or written but can be notified. The application will send a
notification on this characteristic (with value equal to 0x01) if a free-fall condition has been
detected by the LIS3DH MEMS sensor (the condition is detected if the acceleration on the 3
axes is near zero for a certain amount of time). Notifications can be enabled or disabled by
writing on the related client characteristic configuration descriptor.
The other characteristic exposed by the service gives the current value of the acceleration
that is measured by the accelerometer. The value is made up of six bytes. Each couple of
bytes contains the acceleration on one of the 3 axes. The values are given in mg. This
characteristic is readable and can be notified if notifications are enabled.
Another service is also defined. This service contains characteristics that expose data from
some environmental sensors: temperature, pressure and humidity(c). For each
characteristic, a characteristic format descriptor is present to describe the type of data
contained inside the characteristic. All of the characteristics have read-only properties
c.
An expansion board with LPS25H pressure sensor and HTS221 humidity sensor can be connected to the
motherboard through the expansion connector (F in Figure 2). If the expansion board is not detected, only
temperature from STLM75 will be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com