Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 36Page - STMicroelectronics UM1870 Datasheet HTML 37Page - STMicroelectronics UM1870 Datasheet HTML 38Page - STMicroelectronics UM1870 Datasheet HTML 39Page - STMicroelectronics UM1870 Datasheet HTML 40Page - STMicroelectronics UM1870 Datasheet HTML 41Page - STMicroelectronics UM1870 Datasheet HTML 42Page - STMicroelectronics UM1870 Datasheet HTML 43Page - STMicroelectronics UM1870 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
BlueNRG-MS chat demo application
UM1870
40/58
DocID027602 Rev 1
6
BlueNRG-MS chat demo application
The software development kit contains another example, which implements a simple 2-way
communication between two BlueNRG-MS devices. It shows a simple point-to-point
wireless communication using the BlueNRG-MS product.
This demo application exposes one service: chat service.
The chat service contains 2 characteristics:
•
The TX characteristic: the client can enable notifications on this characteristic. When
the server has data to be sent, it will send notifications which will contain the value of
the TX characteristic.
•
The RX characteristic: this is a writable characteristic. When the client has data to be
sent to the server, it will write a value into this characteristic.
•
The maximum length of the characteristic value is 20 bytes.
There are 2 device roles which can be selected through the specific EWARM workspace:
–
The “Server” that exposes the chat service (BLE peripheral device).
–
The “Client” that uses the chat service (BLE central device).
The application requires 2 devices to be programmed respectively with the 2 devices roles:
server and client. The user must connect the 2 devices to a PC through USB and open a
serial terminal on both, with the following configurations:
Figure 15. Serial port configuration
The application will listen for keys typed into one device and upon pressing the keyboard
return key, it will send them to the remote device. The remote device will listen for RF
messages and will output them in the serial port. In other words, anything typed in one
device will be visible to the other device.
6.1
Supported platforms
The BlueNRG-MS chat demo (server & client roles) is supported on the BlueNRG-MS
development platform (STEVAL_IDB005V1).
6.2
BlueNRG-MS chat demo application: peripheral & central
devices
This section describes how two BLE chat devices (server-peripheral & client-central)
interact with each other in order to set up a point-to-point wireless chat communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com