Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1870 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM1870
Description  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 43Page - STMicroelectronics UM1870 Datasheet HTML 44Page - STMicroelectronics UM1870 Datasheet HTML 45Page - STMicroelectronics UM1870 Datasheet HTML 46Page - STMicroelectronics UM1870 Datasheet HTML 47Page - STMicroelectronics UM1870 Datasheet HTML 48Page - STMicroelectronics UM1870 Datasheet HTML 49Page - STMicroelectronics UM1870 Datasheet HTML 50Page - STMicroelectronics UM1870 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
DocID027602 Rev 1
47/58
UM1870
BLE remote control demo application
58
8.2
BLE remote control application setup
This section describes how to configure a BlueNRG-MS device to acting as a remote control
device.
8.2.1
Initialization
The BlueNRG-MS's stack must be correctly initialized before establishing a connection with
another Bluetooth LE device. This is done with two commands
• Aci_Gatt_Init()
• Aci_Gap_Init(GAP_PERIPHERAL_ROLE)
8.2.2
Define advertising data
The BLE Remote Control application advertises some manufacturing data as follows:
/* Set advertising device name as Node */
const uint8_t scan_resp_data[] =
{0x05,AD_TYPE_COMPLETE_LOCAL_NAME,'N','o','d','e'}
/* Set scan response data */
hci_le_set_scan_resp_data(sizeof(scan_resp_data),scan_resp_data);
/* Set Undirected Connectable Mode */
ret = aci_gap_set_discoverable(ADV_IND, (ADV_INTERVAL_MIN_MS*1000)/625,
(ADV_INTERVAL_MAX_MS*1000)/625, PUBLIC_ADDR, NO_WHITE_LIST_USE, 0,
NULL, 0, NULL, 0, 0);
/* Set advertising data */
ret = hci_le_set_advertising_data(sizeof(adv_data),adv_data);
On the BlueNRG-MS development platform (STEVAL-IDB005V1), the temperature sensor
value is set within the adv_data variable.
8.2.3
Add service and characteristics
The BLE Remote Control service is added using the following command:
aci_gatt_add_serv(UUID_TYPE_128, service_uuid, PRIMARY_SERVICE, 7,
&RCServHandle);
Where service_uuid is the private service 128-bit UUID allocated for the BLE remote service
(ed0ef62e-9b0d-11e4-89d3-123b93f75cba).
The command returns the service handle in RCServHandle.
The BLE Remote Control characteristic is added using the following command:
#if ENABLE_SECURITY
ret = aci_gatt_add_char(RCServHandle, UUID_TYPE_128, controlPointUuid, 1,
CHAR_PROP_READ|CHAR_PROP_WRITE|CHAR_PROP_WRITE_WITHOUT_RESP|CH
AR_PROP_SIGNED_WRITE,
ATTR_PERMISSION_AUTHEN_READ|ATTR_PERMISSION_AUTHEN_WRITE,
GATT_NOTIFY_ATTRIBUTE_WRITE, 16, 1, &controlPointHandle);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com