Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 31Page - Richtek Technology Corporation RT9481 Datasheet HTML 32Page - Richtek Technology Corporation RT9481 Datasheet HTML 33Page - Richtek Technology Corporation RT9481 Datasheet HTML 34Page - Richtek Technology Corporation RT9481 Datasheet HTML 35Page - Richtek Technology Corporation RT9481 Datasheet HTML 36Page - Richtek Technology Corporation RT9481 Datasheet HTML 37Page - Richtek Technology Corporation RT9481 Datasheet HTML 38Page - Richtek Technology Corporation RT9481 Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
35
Register of the ADC & LDSW & DCP Control & Adapter Detection & Attach Control & Reset
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
ADC_
CTL
0X20
Meaning
CH_SEL
Reversed
Zero_
Check
Reversed
Reversed
ADC_
START
Default
0
0
0
0
0
0
0
0
Read/
Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CH_SEL
ADC channel selection.
Code
Chanel
Code
Chanel
Code
Chanel
Code
Chanel
000
VBAT
(default)
010
USBOUT/5
100
VRS
110
ADCHIN1
001
VBUS/5
011
TS
101
VLDSW
111
ADCHIN2
Zero_Check
Zero check
0 : Disable zero check, follow CH_SEL setting (default)
1 : Enable zero check, short ADC + and ADC-
ADC_START
ADC start control
0 : Force to stop ADC conversion (default)
1 : Start ADC conversion (auto clear when conversion done)
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
ADC
CODEH
0X21
Meaning
ADC_CODEH
Default
0
0
0
0
0
0
0
0
Read/
Write
R
R
R
R
R
R
R
R
ADC_CODEH
ADC code high byte
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
ADC
CODEL
0X22
Meaning
ADC_CODEL
Default
0
0
0
0
0
0
0
0
Read/
Write
R
R
R
R
R
R
R
R
ADC_CODEL
ADC code low byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com