Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 2Page - Richtek Technology Corporation RT9481 Datasheet HTML 3Page - Richtek Technology Corporation RT9481 Datasheet HTML 4Page - Richtek Technology Corporation RT9481 Datasheet HTML 5Page - Richtek Technology Corporation RT9481 Datasheet HTML 6Page - Richtek Technology Corporation RT9481 Datasheet HTML 7Page - Richtek Technology Corporation RT9481 Datasheet HTML 8Page - Richtek Technology Corporation RT9481 Datasheet HTML 9Page - Richtek Technology Corporation RT9481 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
6
Absolute Maximum Ratings (Note 1)
VBUS, VHMID Supply Input Voltage ----------------------------------------------------------------------------
0.3V to 18V
VMID---------------------------------------------------------------------------------------------------------------------
0.3V to 6.7V
LX, BOOT --------------------------------------------------------------------------------------------------------------
0.3V to 6V
VMID
 VBUS, BOOT LX----------------------------------------------------------------------------------------- 0.3V to 6V
Others -------------------------------------------------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25°C
WQFN-24L 4x4 ------------------------------------------------------------------------------------------------------
3.57W
Package Thermal Resistance (Note 2)
WQFN-24L 4x4,
JA ------------------------------------------------------------------------------------------------- 28C/W
WQFN-24L 4x4,
JC------------------------------------------------------------------------------------------------- 7.1C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------
260C
Junction Temperature ----------------------------------------------------------------------------------------------
150C
Storage Temperature Range -------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------
2kV
MM (Machine Model) -----------------------------------------------------------------------------------------------
200V
Recommended Operating Conditions (Note 4)
Supply Input Voltage-------------------------------------------------------------------------------------------------
4.3V to 5.65V
Junction Temperature Range -------------------------------------------------------------------------------------
40C to 125C
Ambient Temperature Range--------------------------------------------------------------------------------------
40C to 85C
Electrical Characteristics
(VBUS = 5V, VBATS = 4.2V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Source
VBUS Operation Range
4
--
5.65
V
VBUS Supply Current
IQ
PWM switching,
ICHG = IBAT = 0mA
--
10
--
mA
High Impendence Mode
--
--
200
A
Leakage Current from Battery IBAT_LEAK
VBAT = 4.2V, VBUS = 0V,
Charger off.
1/80 ADC execution time duty
--
40
60
A
Protection
VBUS OVP Threshold
Voltage
VBUS_OVP
VBUS Rising
5.7
6
6.3
V
VBUS OVP Hysteresis
VBUS_OVP_
HYS
VBUS Falling
--
200
--
mV
VBUS UVLO
VBUS_UVLO
VBUS Rising
3
3.25
3.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com