Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 16Page - Richtek Technology Corporation RT9481 Datasheet HTML 17Page - Richtek Technology Corporation RT9481 Datasheet HTML 18Page - Richtek Technology Corporation RT9481 Datasheet HTML 19Page - Richtek Technology Corporation RT9481 Datasheet HTML 20Page - Richtek Technology Corporation RT9481 Datasheet HTML 21Page - Richtek Technology Corporation RT9481 Datasheet HTML 22Page - Richtek Technology Corporation RT9481 Datasheet HTML 23Page - Richtek Technology Corporation RT9481 Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
20
Boost Mode Flow
The Boost mode could start from device attached, and
the flag of USBOUT_STAI (MISC_STA2[4]) will be set
to high for indicate the device attached. The USBOUT
attach detection is control by register ATTACH_CTL[5].
If there is no any Boost fault triggered in registers
CHG_STAT2 or BST_IRQ or MISC_IRQ, the host can
decide to turn on Boost or not. The host can set user
Boost setting before turn on the Boost from registers
CHG_CTRL1 to CHG_CTRL6 and please refer to I2C
register map for detailed functional setting.
The Boost could be enable by set OPA_MODE
(CHG_CTRL1[0]) to high and setting SWITCHING_EN
(CHG_STA1[0]) to high.
Before enable the Load Switch suggest to wait Boost
soft start (CHG_IRQ[3]) finish, it can guarantee the
Boost ready for output.
Then the host could set EN_LDSW (USBOUT_CTL[6])
to high to turn on Load Switch and the Boost would
start output current to device. For let device identify the
power bank is a powerful adapter, to set EN_DCP
(USBOUT_CTL[7]) to high to turn on DCP controller at
the same time.
USBOUT light load detection (USBOUTLD_CTL[5:3])
can help the host to check the device charging full or
device detached by the condition of USBOUT current
is under the threshold or not. But according to USB
standard, the device will start charging after it connect
to adapter 100 millisecond. We suggest to add delay
time tULD over 100 millisecond before enable USBOUT
light load detection after Load Switch turn on. It could
avoid USBOUT light load detection trigger early.
The host could read BOOST_STAT (CHG_STA1) to
make sure the Boost is in progress.
Discharging Terminate
There are two conditions to terminate discharging.
Boost Fault
The Boost automatically terminates when Boost fault
event be triggered in Table 8.
Table 8. Boost Fault Event
Boost Fault
Event
Flag
Register
Thermal
Shutdown
TSD_STAT
CHG_STA2[2]
Boost Thermal
Shutdown
BSTTSDI
BST_IRQ[7]
VMID Over
Voltage Protect
BSTVMIDVPI
BST_IRQ[6]
Battery Voltage
is too Low
BSTLOWVI
BST_IRQ[5]
Load Switch
Short Current
Protect
LDSW_SCPI
MISC_IRQ[5]
VMID Short
Current Protect
VMIDSCPI
MISC_IRQ[1]
VMID Under
Voltage Protect
VMIDUVPI
MISC_IRQ[0]
USBOUT Light Load
It means device charging full or device detached when
USBOUTLD_STAT (MISC_STA2) set to high. According
to USBOUTLD_STAT, the host could decide to turn off
Boost or not.
Set ADC Channel
CH_SEL (ADC_CLT[7:5])
and
Start ADC Conversion
ADC_START (ADC_CLT[0]) = 1
ADC Conversion Starts
Finish ADC Conversion
Check ADC Conversion Complete
ADC_DONEI (MISC_IRQ[7]) = 1
or
ADC_STAT (MISC_STAT1) = 0
Read ADC Code
ADC_CODEH[7:0]、
ADC_CODEL[7:0]
and
Calculate measurement
Figure 4. ADC Conversion Operation Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com