Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9481 Datasheet HTML 1Page - Richtek Technology Corporation RT9481 Datasheet HTML 2Page - Richtek Technology Corporation RT9481 Datasheet HTML 3Page - Richtek Technology Corporation RT9481 Datasheet HTML 4Page - Richtek Technology Corporation RT9481 Datasheet HTML 5Page - Richtek Technology Corporation RT9481 Datasheet HTML 6Page - Richtek Technology Corporation RT9481 Datasheet HTML 7Page - Richtek Technology Corporation RT9481 Datasheet HTML 8Page - Richtek Technology Corporation RT9481 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
4
Function Blocks Diagram
MOS
Analog Base
2.7A SWCHG
3A Boost Controller
VMID
USBOUT
DP
DM
VDD28V
INT
BOOT
VDDA
LX
PGND
ISENSN
TS
ISENSP
VBUS
SDA
SCL
LDSW
Attach
/Detach
DCP
Control
VHMID
LDO 2.8V
Central Logic
Control
ADC
IUSBOUT
IBAT
VBUS
VBAT
VDDA
Adapter
Detection
D+
D-
AGND
USBOUT
Operation
The RT9481 is a high integrated IC for Li-Ion battery
power bank. It includes a Switch charger 2.7A, a
synchronous Boost 5V.
Charge Current
Base on thermal regulation function, the charging
current can support up to 2.7A.
VBUS Over Voltage Protection
If the input voltage (VBUS) is higher than the
threshold voltage VOVP, the internal OVP signal will
go high and the charger will stop charging until VIN is
below VOVP
 hysteresis.
VMID Over Voltage Protection
If the internal voltage (VMID) is higher than the
threshold voltage VOVP, the internal OVP signal will
go high and the charger will stop charging until VMID
is below VOVP  hysteresis.
VMID Under Voltage Protection
If the internal voltage (VMID) is lower than the
threshold voltage VUVP, the internal VMID_UVP
signal will go high and the system will disable LDSW
function in order to protect system from short-to-
ground current damages.
USBOUT SCP
The USBOUT short circuit protection (SCP) function
will prevent system from burning out by monitoring
the voltage drop between LDSW. If the USBOUT is
short to ground, the inrush current will make the VDS
voltage too large to damage chip. The SCP function
also reports this condition to protect chip in time.
Boost OCP
The converter senses the current signal when the
high-side P-MOSFET turns on. As a result, The OCP
is cycle by-cycle current limitation. If the OCP occurs,
the converter holds off the next on pulse until
inductor current drops below the OCP limit.
OTP
The converter has an over-temperature protection.
When the junction temperature is higher than the
thermal shutdown rising threshold, the system will be
latched and the output voltage will no longer be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com