Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 27Page - Richtek Technology Corporation RT9481 Datasheet HTML 28Page - Richtek Technology Corporation RT9481 Datasheet HTML 29Page - Richtek Technology Corporation RT9481 Datasheet HTML 30Page - Richtek Technology Corporation RT9481 Datasheet HTML 31Page - Richtek Technology Corporation RT9481 Datasheet HTML 32Page - Richtek Technology Corporation RT9481 Datasheet HTML 33Page - Richtek Technology Corporation RT9481 Datasheet HTML 34Page - Richtek Technology Corporation RT9481 Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
31
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Charger
Status 2
0X09
Meaning
TSD_ STAT
VBUSO
VP_STAT
CHRVP_
STAT
CHBATOV_
STAT
Reversed
Reversed
CHGGOODA
DP_ STAT
CHGBADAD
P_ STAT
Default
0
0
0
0
0
0
1
0
Read/
Write
R
R
R
R
R
R
R
R
TSD_STAT
Thermal shutdown fault. Set when the die temperature exceeds thermal shutdown threshold.
0 : Thermal shutdown is not on going
1 : Thermal shutdown is on going
VBUSOVP_STAT
VBUS over voltage protection. Set when VBUS > VIN_OVP is detected.
0 : VBUS is not over voltage
1 : VBUS is over voltage
CHRVP_STAT
Charger fault. Reverse protection fault (VBUS < ISENSN + VSLP)
0 : Reverse protection is not occur
1 : Reverse protection is occur
CHBATOV_STAT
Charger fault. Battery OVP.
0 : Battery is not OVP
1 : Battery is OVP
CHGGOODADP_STAT
Good adaptor detection. It is only enabled in the VBUS plug-in. Once it pass the detection, it will always high
and enable charging.
0 : Adaptor is not good adaptor
1 : Adaptor is good adaptor
CHGBADADP_STAT
Bad adaptor detection. It is used to indicate the adaptor input voltage is lower than 3.8V during the charging
0 : Adaptor is not bad adaptor
1 : Adaptor is bad adaptor
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Charger
Status 3
0X0A
Meaning
CHTREG_
STAT
CHMIVR_
STAT
CHAICR_
STAT
CHRCHG_S
TAT
Reversed
Reversed
Reversed
Reversed
Default
0
0
0
0
0
0
0
0
Read/
Write
R
R
R
R
R/W
R/W
R/W
R/W
CHTREG_STAT
Charger warning. Thermal regulation loop active.
0 : Thermal regulation loop is not active
1 : Thermal regulation loop is active
CHMIVR_STAT
Charger warning. Input voltage MIVR loop active.
0 : MIVR loop is not active
1 : MIVR loop is active
CHAICR_STAT
Charger warning. Input current AICR loop active.
0 : AICR loop is not active
1 : AICR loop is active
CHRCHG_STAT
Indicate battery voltage is below re-charge level under charging
0: Battery voltage higher re-charge level
1 : Battery voltage lower re-charge level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com