Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 20Page - Richtek Technology Corporation RT9481 Datasheet HTML 21Page - Richtek Technology Corporation RT9481 Datasheet HTML 22Page - Richtek Technology Corporation RT9481 Datasheet HTML 23Page - Richtek Technology Corporation RT9481 Datasheet HTML 24Page - Richtek Technology Corporation RT9481 Datasheet HTML 25Page - Richtek Technology Corporation RT9481 Datasheet HTML 26Page - Richtek Technology Corporation RT9481 Datasheet HTML 27Page - Richtek Technology Corporation RT9481 Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
24
I
2C Register Map
Register of the SWCHG
Function
Register
Address
b[7]
(MSB)
b[6]
b[5]
b[4]
b[3]
b[2]
b[1]
b[0]
(LSB)
Low BAT
CTRL
0X00
Meaning
Fix_ Freq
Sel_
SWFreq
Higher_
OCP
HZ
LBP
Enable
LBP[2:0]
Default
1
1
0
0
1
1
0
1
Read/
Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Fix_Freq
Control the switching frequency to be dynamic or fix
0 : Auto-change frequency
1 : Fixed frequency (default)
Sel_ SWFreq
The switching frequency selection bit (Charger/ Boost)
0 : The switching frequency is 1.5MHz
1 : The switching frequency is 0.75MHz (default)
Higher_ OCP
Higher_OCP enable
0 : Disable (default)
1 : Higher IL OCP level selection of buck mode and boost mode
HZ
0 : Not high impedance mode (default)
1 : High impedance
LBP Enable
Low Battery Protection Enable
0 : Disable
1 : Enable (default)
LBP[2:0]
Define Low Battery Protection Level. The default voltage is 3V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
000
2.5V
010
2.7V
100
2.9V
110
3.1V
001
2.6V
011
2.8V
101
3V
(default)
111
3.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com