Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 8Page - Richtek Technology Corporation RT9481 Datasheet HTML 9Page - Richtek Technology Corporation RT9481 Datasheet HTML 10Page - Richtek Technology Corporation RT9481 Datasheet HTML 11Page - Richtek Technology Corporation RT9481 Datasheet HTML 12Page - Richtek Technology Corporation RT9481 Datasheet HTML 13Page - Richtek Technology Corporation RT9481 Datasheet HTML 14Page - Richtek Technology Corporation RT9481 Datasheet HTML 15Page - Richtek Technology Corporation RT9481 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS9481-00 June 2015
12
Typical Operating Characteristics
Boost Efficiency vs Output Current
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
3000
Output Current (mA)
VIN = 3V
VIN = 3.4V
VIN = 3.7V
VIN = 3.9V
VOUT = 5V, L = 1μH (TDK SPM6530)
Charging Efficiency vs. Charging Current
80
82
84
86
88
90
92
94
96
98
100
500
1000
1500
2000
2500
3000
Charging Current (mA)
VBUS = 5V, L = 1μH (TDK SPM6530), CIN = 1μF
VBAT = 3.3V, VOUT = 5V, IOUT = 1000mA,
L = 1
H, C
OUT = 10F
VLX
(2V/Div)
VOUT_ac
(50mV/Div)
Time (500ns/Div)
Steady State
VLX
(2V/Div)
VOUT_ac
(50mV/Div)
Time (500ns/Div)
Steady State
VLX
(2V/Div)
VOUT_ac
(50mV/Div)
Time (500ns/Div)
Steady State
VBAT = 3.7V, VOUT = 5V, IOUT = 1000mA,
L = 1
H, C
OUT = 10F
VLX
(2V/Div)
VOUT_ac
(50mV/Div)
Time (500ns/Div)
Steady State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com