Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 3Page - Richtek Technology Corporation RT9481 Datasheet HTML 4Page - Richtek Technology Corporation RT9481 Datasheet HTML 5Page - Richtek Technology Corporation RT9481 Datasheet HTML 6Page - Richtek Technology Corporation RT9481 Datasheet HTML 7Page - Richtek Technology Corporation RT9481 Datasheet HTML 8Page - Richtek Technology Corporation RT9481 Datasheet HTML 9Page - Richtek Technology Corporation RT9481 Datasheet HTML 10Page - Richtek Technology Corporation RT9481 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
7
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VBUS UVLO Hysteresis
VBUS_UVLO_
HYS
VBUS Falling
--
150
--
mV
ISENSN OVP
VBAT_OVP
VISENSN Rising
103
107
114
%
ISENSN OVP Hysteresis
VBAT_OVP_
HYS
VISENSN Falling
--
5
--
%
Over Temperature Protection
TOTP
(Note 5)
--
160
--
C
OTP Hysteresis
TOTP_HYS
--
20
--
C
Thermal Regulation
Threshold
TREG
Optional 100/120/135
C by I2C
(Default value is 120
C)
--
120
--
C
Input Power Source Detection
Poor Source Detect
Threshold
VBUS_pr
Bad Voltage Source Detection
3.6
3.8
4
V
Poor Source Detect Deglitch
tVBUS_pr_dg
--
30
--
ms
Poor Source Detect
Hysteresis
VBUS_pr_hys
VBUS Rising
100
--
200
mV
Current Sink to GND
IVBUS_pr
During Poor Source Detection
--
50
--
mA
Detection Interval Time
tVBUS_pr_int
--
2
--
s
Sleep Mode Comparator
Sleep-Mode Entry Threshold
VBUS
 ISENSN
VSLP
3V < VISENSN < VBATREG,
VBUS Falling
--
40
100
mV
Sleep-Mode Exit Hysteresis
VBUS Symbol ISENSN
VSLPEXIT
3V < VISENSN < VBATREG,
VBUS Rising
40
120
200
mV
Sleep-Mode Deglitch Time
tSLP
VBUS Rising Above VSLP +
VSLPEXIT
--
30
--
ms
Minimum Input Voltage Regulation (MIVR)
Minimum Input Voltage
Regulation
VMIVR
Optional 4.2V to 4.8V by I2C
per 0.1V (Default value is 4.7V)
4.2
--
4.8
V
VMIVR Accuracy
5
--
5
%
Average Input Current
Regulation (AICR) Accuracy
IAICR_100mA
IAICR = 100mA
80
90
100
mA
IAICR_500mA
IAICR = 500mA
400
450
500
IAICR_700mA
IAICR = 700mA
560
630
700
IAICR_1000mA
IAICR = 1000mA
800
900
1000
AICR Range
IAICR
Optional 100mA to 2000mA by
I2C (Default value is 0.5A)
100
--
2000
mA
VDDA Regulator
VDDA Voltage
VDDA
VVBUS > 4.5V
--
4.5
--
V
VVBUS < VISENSN
--
VISENSN
--
VDDA UVLO
VDDA_UV
VDDA Risling
2.4
2.5
2.6
V
VDDA UVLO Hysteresis
VDDA_UV_hys
VDDA Falling
--
150
--
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com