Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9481 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9481
Description  Easy to Use Power Bank Solution
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9481 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9481 Datasheet HTML 7Page - Richtek Technology Corporation RT9481 Datasheet HTML 8Page - Richtek Technology Corporation RT9481 Datasheet HTML 9Page - Richtek Technology Corporation RT9481 Datasheet HTML 10Page - Richtek Technology Corporation RT9481 Datasheet HTML 11Page - Richtek Technology Corporation RT9481 Datasheet HTML 12Page - Richtek Technology Corporation RT9481 Datasheet HTML 13Page - Richtek Technology Corporation RT9481 Datasheet HTML 14Page - Richtek Technology Corporation RT9481 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
RT9481
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS9481-00 June 2015
www.richtek.com
11
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Hysteresis
VDPL_TH_DET
_HYS
Rising
--
90
--
mV
DIVIDER Mode
DP Output Voltage for
DIVIDER Mode
VDP_2.7V
VUID = 5V
2.57
2.7
2.84
V
DM Output Voltage for
DIVIDER Mode
VDM_2V
VUID = 5V
1.9
2
2.1
V
DP Output Impedance for
DIVIDER Mode
RDP_PAD1
IDP = 5A
24
30
36
k
DM Output Impedance for
DIVIDER Mode
RDM_PAD1
IDM = 5A
24
30
36
k
DP and DM Shorting
Resistance
RPM_short
--
150
200
1.2V / 1.2V Mode
DP Output Voltage for 1.2V
Mode
VDP_1.2V
1.12
1.2
1.28
V
DP Output Impedance for
1.2V Mode
RDP_PAD
80
102
130
k
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured at TA = 25C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. JC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com