Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 6Page - Maxim Integrated Products MAX245C/D Datasheet HTML 7Page - Maxim Integrated Products MAX245C/D Datasheet HTML 8Page - Maxim Integrated Products MAX245C/D Datasheet HTML 9Page - Maxim Integrated Products MAX245C/D Datasheet HTML 10Page - Maxim Integrated Products MAX245C/D Datasheet HTML 11Page - Maxim Integrated Products MAX245C/D Datasheet HTML 12Page - Maxim Integrated Products MAX245C/D Datasheet HTML 13Page - Maxim Integrated Products MAX245C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
10
______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
MAX225/MAX244–MAX249
18
2
0
1
234
5
TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE
8
6
4
16
LOAD CAPACITANCE (nF)
14
12
10
VCC = 5V
EXTERNAL POWER SUPPLY
1
µF CAPACITORS
40kb/s DATA RATE
8 TRANSMITTERS
LOADED WITH 3k
Ω
10
-10
0
5
10
15
20
25
30
35
OUTPUT VOLTAGE
vs. LOAD CURRENT FOR V+ AND V-
-2
-4
-6
-8
8
LOAD CURRENT (mA)
6
4
2
0
V+ AND V- LOADED
EITHER V+ OR
V- LOADED
V+ AND V- LOADED
VCC = 5V
EXTERNAL CHARGE PUMP
1
µF CAPACITORS
8 TRANSMITTERS
DRIVING 5k
Ω AND
2000pF AT 20kbits/sec
V- LOADED
V+ LOADED
9.0
5.0
01
2
34
5
TRANSMITTER OUTPUT VOLTAGE (V+, V-)
vs. LOAD CAPACITANCE AT
DIFFERENT DATA RATES
6.0
5.5
8.5
LOAD CAPACITANCE (nF)
8.0
7.5
7.0
6.5
VCC = 5V WITH ALL TRANSMITTERS DRIVEN
LOADED WITH 5k
Ω
10kb/sec
20kb/sec
40kb/sec
60kb/sec
100kb/sec
200kb/sec
ALL CAPACITIORS 1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com