Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 27Page - Maxim Integrated Products MAX245C/D Datasheet HTML 28Page - Maxim Integrated Products MAX245C/D Datasheet HTML 29Page - Maxim Integrated Products MAX245C/D Datasheet HTML 30Page - Maxim Integrated Products MAX245C/D Datasheet HTML 31Page - Maxim Integrated Products MAX245C/D Datasheet HTML 32Page - Maxim Integrated Products MAX245C/D Datasheet HTML 33Page - Maxim Integrated Products MAX245C/D Datasheet HTML 34Page - Maxim Integrated Products MAX245C/D Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
31
400k
Ω
VCC
400k
Ω
GND
+5V
+5V
+5V
+5V
+5V
40
16
1
µF
2
18
4
TA1OUT
TA1IN
TA3OUT
TA3IN
20
24
38
22
36
1
39
TB1OUT
TB1IN
TB3OUT
TB3IN
400k
Ω
+5V
17
3
TA2OUT
TA2IN
+5V
23
37
TB2OUT
TB2IN
400k
Ω
+5V
19
5
TA4OUT
TA4IN
+5V
21
35
TB4OUT
TB4IN
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
11 RA1IN
10 RA1OUT
12 RA2IN
9RA2OUT
13 RA3IN
8RA3OUT
14 RA4IN
7RA4OUT
15 RA5IN
6RA5OUT
29
30
28
31
27
32
26
33
25
34
RB1IN
RB1OUT
RB2IN
RB2OUT
RB3IN
RB3OUT
RB4IN
RB4OUT
RB5IN
RB5OUT
40
VCC
ENB
TB1IN
TB2IN
TB3IN
TB4IN
RB5OUT
RB4OUT
RB3OUT
RB2OUT
RB1OUT
RB1IN
RB2IN
RB3IN
RB4IN
RB5IN
TB1OUT
TB2OUT
TB3OUT
TB4OUT
39
38
37
36
35
34
33
32
31
1
2
3
4
5
6
7
8
9
10
ENA
TA1IN
TA2IN
TA3IN
TA4IN
RA5OUT
RA4OUT
RA3OUT
RA2OUT
RA1OUT
RA1IN
RA2IN
RA3IN
RA4IN
RA5IN
TA1OUT
TA2OUT
TA3OUT
TA4OUT
GND
TOP VIEW
MAX246
30
29
28
27
26
25
24
23
22
21
11
12
13
14
15
16
17
18
19
DIP
20
MAX246 FUNCTIONAL DESCRIPTION
10 RECEIVERS
5 A-SIDE RECEIVERS (RA5 ALWAYS ACTIVE)
5 B-SIDE RECEIVERS (RB5 ALWAYS ACTIVE)
8 TRANSMITTERS
4 A-SIDE TRANSMITTERS
4 B-SIDE TRANSMITTERS
2 CONTROL PINS
ENABLE A-SIDE (ENA)
ENABLE B-SIDE (ENB)
ENA
ENB
Figure 22. MAX246 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com