Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 25Page - Maxim Integrated Products MAX245C/D Datasheet HTML 26Page - Maxim Integrated Products MAX245C/D Datasheet HTML 27Page - Maxim Integrated Products MAX245C/D Datasheet HTML 28Page - Maxim Integrated Products MAX245C/D Datasheet HTML 29Page - Maxim Integrated Products MAX245C/D Datasheet HTML 30Page - Maxim Integrated Products MAX245C/D Datasheet HTML 31Page - Maxim Integrated Products MAX245C/D Datasheet HTML 32Page - Maxim Integrated Products MAX245C/D Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
29
400k
Ω
+10V TO -10V VOLTAGE INVERTER
+5V TO +10V VOLTAGE DOUBLER
VCC
400k
Ω
400k
Ω
GND
+5V
+5V
+5V
+5V
+5V
25
24
23
21
20
2
1
µF
1
µF
1
µF
1
µF
1
µF
16
3
17
4
18
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
C2-
C2+
C1-
C1+
TA2OUT
TA2IN
TA3OUT
TA3IN
TA4OUT
TA4IN
9RA1IN
10 RA1OUT
8RA2IN
11 RA2OUT
7RA3IN
12 RA3OUT
6RA4IN
13 RA4OUT
5RA5IN
14
19
RA5OUT
26
22
43
29
42
28
41
27
36
35
37
34
38
33
39
32
40
31
V-
V+
TB2OUT
TB2IN
400k
Ω
2
15
TA1OUT
TA1IN
44
30
TB1OUT
TB1IN
TB3OUT
TB3IN
TB4OUT
TB4IN
RB1IN
RB1OUT
RB2IN
RB2OUT
RB3IN
RB3OUT
RB4IN
RB4OUT
RB5IN
RB5OUT
MAX249 FUNCTIONAL DESCRIPTION
10 RECEIVERS
5 A-SIDE RECEIVER
5 B-SIDE RECEIVER
8 TRANSMITTERS
4 A-SIDE TRANSMITTERS
4 B-SIDE TRANSMITTERS
NO CONTROL PINS
44
1
2
3
440
41
42
43
5
21
24
26
25
27 28
22 23
19 20
8
9
10
11
12
13
14
15
16
17
29
30
31
32
33
34
35
36
37
38
TA3IN
MAX244
PLCC
TOP VIEW
RB3IN
RB2IN
RB1IN
RB1OUT
RB2OUT
RB3OUT
RB4OUT
RB5OUT
TB1IN
TB2IN
TA2IN
TA1IN
RA5OUT
RA4OUT
RA3OUT
RA2OUT
RA1OUT
RA1IN
RA2IN
7
39
RB4IN
RA3IN
6
18
+5V
+5V
+5V
+5V
Figure 20. MAX244 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com