Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 23Page - Maxim Integrated Products MAX245C/D Datasheet HTML 24Page - Maxim Integrated Products MAX245C/D Datasheet HTML 25Page - Maxim Integrated Products MAX245C/D Datasheet HTML 26Page - Maxim Integrated Products MAX245C/D Datasheet HTML 27Page - Maxim Integrated Products MAX245C/D Datasheet HTML 28Page - Maxim Integrated Products MAX245C/D Datasheet HTML 29Page - Maxim Integrated Products MAX245C/D Datasheet HTML 30Page - Maxim Integrated Products MAX245C/D Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
27
GND
18
4
R3OUT
40
R4OUT
R3IN
R4IN
5k
Ω
5k
Ω
13
10
R2OUT
R2IN
5k
Ω
RS-232
INPUTS
TTL/CMOS
OUTPUTS
RS-232
OUTPUTS
TTL/CMOS
INPUTS
R2
16
17
R1OUT
R1IN
5k
Ω
R1
R3
R4
36
35
R5OUT
R5IN
5k
Ω
R5
7
15 T1IN
T1OUT
+5V
400k
Ω
+5V
14
8
T2IN
T2OUT
T2
400k
Ω
37
T3OUT 6
T3IN
+5V
T3
400k
Ω
C1+
C1-
1.0
µF
25
VCC
+5V INPUT
19
30
1.0
µF
26
1.0
µF
+5V TO +10V
VOLTAGE DOUBLER
3
1.0
µF
T1
+5V
2
41
T5IN
T5OUT
T5
400k
Ω
5
38 T4IN
T4OUT
+5V
400k
Ω
T4
27
C2+
C2-
28
1.0
µF
29
+5V TO -10V
VOLTAGE INVERTER
V+
39
EN
42
43
Plastic FP
MAX240
SHDN
EN
T5OUT
R4IN
R4OUT
R5OUT
R5IN
N.C.
N.C.
T3IN
T4IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
N.C.
N.C.
N.C.
N.C.
VCC
GND
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
SHDN
TOP VIEW
V-
Figure 18. MAX240 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com