Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 7Page - Maxim Integrated Products MAX245C/D Datasheet HTML 8Page - Maxim Integrated Products MAX245C/D Datasheet HTML 9Page - Maxim Integrated Products MAX245C/D Datasheet HTML 10Page - Maxim Integrated Products MAX245C/D Datasheet HTML 11Page - Maxim Integrated Products MAX245C/D Datasheet HTML 12Page - Maxim Integrated Products MAX245C/D Datasheet HTML 13Page - Maxim Integrated Products MAX245C/D Datasheet HTML 14Page - Maxim Integrated Products MAX245C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
11
INPUT
OUTPUT
+3V
V+
0V
V-
0V
tPLHT
tPHLT
tPHLR
tPHLS
tPLHR
tPLHS
50%
VCC
50%
+3V
50%
INPUT
OUTPUT
*EXCEPT FOR R2 ON THE MAX243
WHERE -3V IS USED.
0V*
50%
GND
Figure 1. Transmitter Propagation-Delay Timing
Figure 2. Receiver Propagation-Delay Timing
EN
RX IN
a) TEST CIRCUIT
b) ENABLE TIMING
c) DISABLE TIMING
EN INPUT
RECEIVER
OUTPUTS
RX OUT
RX
1k
Ω
0V
+3V
EN
EN
+0.8V
+3.5V
OUTPUT ENABLE TIME (tER)
VCC - 2V
VOL + 0.5V
VOH - 0.5V
OUTPUT DISABLE TIME (tDR)
VCC - 2V
+3V
0V
150pF
EN INPUT
VOH
RECEIVER
OUTPUTS
VOL
1 OR 0
TX
3k
Ω
50pF
-5V
+5V
OUTPUT DISABLE TIME (tDT)
V+
SHDN
+3V
0V
V-
0V
a) TIMING DIAGRAM
b) TEST CIRCUIT
Figure 3. Receiver-Output Enable and Disable Timing
Figure 4. Transmitter-Output Disable Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com