Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 28Page - Maxim Integrated Products MAX245C/D Datasheet HTML 29Page - Maxim Integrated Products MAX245C/D Datasheet HTML 30Page - Maxim Integrated Products MAX245C/D Datasheet HTML 31Page - Maxim Integrated Products MAX245C/D Datasheet HTML 32Page - Maxim Integrated Products MAX245C/D Datasheet HTML 33Page - Maxim Integrated Products MAX245C/D Datasheet HTML 34Page - Maxim Integrated Products MAX245C/D Datasheet HTML 35Page - Maxim Integrated Products MAX245C/D Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
35
___________________________________________Ordering Information (continued)
PART
MAX222CPN
0°C to +70°C
TEMP RANGE
PIN-PACKAGE
PART
TEMP RANGE
PIN-PACKAGE
18 Plastic DIP
MAX222CWN
0°C to +70°C
18 Wide SO
MAX222C/D
0°C to +70°C
Dice*
MAX222EPN
-40°C to +85°C
18 Plastic DIP
MAX222EWN
-40°C to +85°C
18 Wide SO
MAX222EJN
-40°C to +85°C
18 CERDIP
MAX222MJN
-55°C to +125°C
18 CERDIP
MAX223CAI
0°C to +70°C
28 SSOP
MAX223CWI
0°C to +70°C
28 Wide SO
MAX223C/D
0°C to +70°C
Dice*
MAX223EAI
-40°C to +85°C
28 SSOP
MAX223EWI
-40°C to +85°C
28 Wide SO
MAX225CWI
0°C to +70°C
28 Wide SO
MAX225EWI
-40°C to +85°C
28 Wide SO
MAX230CPP
0°C to +70°C
20 Plastic DIP
MAX230CWP
0°C to +70°C
20 Wide SO
MAX230C/D
0°C to +70°C
Dice*
MAX230EPP
-40°C to +85°C
20 Plastic DIP
MAX230EWP
-40°C to +85°C
20 Wide SO
MAX230EJP
-40°C to +85°C
20 CERDIP
MAX230MJP
-55°C to +125°C
20 CERDIP
MAX231CPD
0°C to +70°C
14 Plastic DIP
MAX231CWE
0°C to +70°C
16 Wide SO
MAX231CJD
0°C to +70°C
14 CERDIP
MAX231C/D
0°C to +70°C
Dice*
MAX231EPD
-40°C to +85°C
14 Plastic DIP
MAX231EWE
-40°C to +85°C
16 Wide SO
MAX231EJD
-40°C to +85°C
14 CERDIP
MAX231MJD
-55°C to +125°C
14 CERDIP
MAX232CPE
0°C to +70°C
16 Plastic DIP
MAX232CSE
0°C to +70°C
16 Narrow SO
MAX232CWE
0°C to +70°C
16 Wide SO
MAX232C/D
0°C to +70°C
Dice*
MAX232EPE
-40°C to +85°C
16 Plastic DIP
MAX232ESE
-40°C to +85°C
16 Narrow SO
MAX232EWE
-40°C to +85°C
16 Wide SO
MAX232EJE
-40°C to +85°C
16 CERDIP
MAX232MJE
-55°C to +125°C
16 CERDIP
MAX232MLP
-55°C to +125°C
20 LCC
MAX232ACPE
0°C to +70°C
16 Plastic DIP
MAX232ACSE
0°C to +70°C
16 Narrow SO
MAX232ACWE
0°C to +70°C
16 Wide SO
MAX232AC/D
MAX232AEPE
-40°C to +85°C
16 Plastic DIP
MAX232AESE
0°C to +70°C
Dice*
-40°C to +85°C
16 Narrow SO
MAX232AEWE
-40°C to +85°C
16 Wide SO
MAX232AEJE
-40°C to +85°C
16 CERDIP
MAX232AMJE
-55°C to +125°C
16 CERDIP
MAX232AMLP
-55°C to +125°C
20 LCC
MAX233CPP
0°C to +70°C
20 Plastic DIP
MAX233EPP
-40°C to +85°C
20 Plastic DIP
MAX233ACPP
0°C to +70°C
20 Plastic DIP
MAX233ACWP
0°C to +70°C
20 Wide SO
MAX233AEPP
-40°C to +85°C
20 Plastic DIP
MAX233AEWP
-40°C to +85°C
20 Wide SO
MAX234CPE
0°C to +70°C
16 Plastic DIP
MAX234CWE
0°C to +70°C
16 Wide SO
MAX234C/D
0°C to +70°C
Dice*
MAX234EPE
-40°C to +85°C
16 Plastic DIP
MAX234EWE
-40°C to +85°C
16 Wide SO
MAX234EJE
-40°C to +85°C
16 CERDIP
MAX234MJE
-55°C to +125°C
16 CERDIP
MAX235CPG
0°C to +70°C
24 Wide Plastic DIP
MAX235EPG
-40°C to +85°C
24 Wide Plastic DIP
MAX235EDG
-40°C to +85°C
24 Ceramic SB
MAX235MDG
-55°C to +125°C
24 Ceramic SB
MAX236CNG
0°C to +70°C
24 Narrow Plastic DIP
MAX236CWG
0°C to +70°C
24 Wide SO
MAX236C/D
0°C to +70°C
Dice*
MAX236ENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX236EWG
-40°C to +85°C
24 Wide SO
MAX236ERG
-40°C to +85°C
24 Narrow CERDIP
MAX236MRG
-55°C to +125°C
24 Narrow CERDIP
MAX237CNG
0°C to +70°C
24 Narrow Plastic DIP
MAX237CWG
0°C to +70°C
24 Wide SO
MAX237C/D
0°C to +70°C
Dice*
MAX237ENG
-40°C to +85°C
24 Narrow Plastic DIP
MAX237EWG
-40°C to +85°C
24 Wide SO
MAX237ERG
-40°C to +85°C
24 Narrow CERDIP
MAX237MRG
-55°C to +125°C
24 Narrow CERDIP
MAX238CNG
0°C to +70°C
24 Narrow Plastic DIP
MAX238CWG
0°C to +70°C
24 Wide SO
MAX238C/D
0°C to +70°C
Dice*
MAX238ENG
-40°C to +85°C
24 Narrow Plastic DIP
* Contact factory for dice specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com