Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 13Page - Maxim Integrated Products MAX245C/D Datasheet HTML 14Page - Maxim Integrated Products MAX245C/D Datasheet HTML 15Page - Maxim Integrated Products MAX245C/D Datasheet HTML 16Page - Maxim Integrated Products MAX245C/D Datasheet HTML 17Page - Maxim Integrated Products MAX245C/D Datasheet HTML 18Page - Maxim Integrated Products MAX245C/D Datasheet HTML 19Page - Maxim Integrated Products MAX245C/D Datasheet HTML 20Page - Maxim Integrated Products MAX245C/D Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
17
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
GND
T1OUT
R1IN
C2+
C1-
V+
C1+
MAX220
MAX232
MAX232A
R1OUT
T1IN
T2IN
R2OUT
R2IN
T2OUT
V-
C2-
DIP/SO
V+
V-
2 +10V
C1+
C1
C2
1
3
4
5
11
10
12
9
6
14
7
13
8
T1IN
R1OUT
T2IN
R2OUT
T1OUT
R1IN
T2OUT
R2IN
+5V INPUT
C2+
-10V
C4
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
GND
15
5k
Ω
5k
Ω
400k
Ω
400k
Ω
+5V
+5V
+10V TO -10V
VOLTAGE INVERTER
+5V TO +10V
VOLTAGE DOUBLER
16
C3
C5
CAPACITANCE (
µF)
DEVICE
MAX220
MAX232
MAX232A
C1
0.047
1.0
0.1
C2
0.33
1.0
0.1
C3
0.33
1.0
0.1
C4
0.33
1.0
0.1
C5
0.33
1.0
0.1
C2-
C1-
VCC
5k
Ω
DIP/SO
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
SHDN
VCC
GND
T1OUT
C1-
V+
C1+
(N.C.) EN
R1IN
R1OUT
T1IN
T2IN
T2OUT
V-
C2-
C2+
10
9
R2OUT
R2IN
MAX222
MAX242
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
SHDN
VCC
GND
T1OUT
C1-
V+
C1+
(N.C.) EN
N.C.
R1IN
R1OUT
N.C.
T2OUT
V-
C2-
C2+
12
11
9
10
T1IN
T2IN
R2OUT
R2IN
MAX222
MAX242
SSOP
( ) ARE FOR MAX222 ONLY.
PIN NUMBERS IN TYPICAL OPERATING CIRCUIT ARE FOR DIP/SO PACKAGES ONLY.
V+
V-
3 +10V
C1
C2
2
4
5
6
12
11
13
7
15
8
14
9
T1IN
R1OUT
T2IN
R2OUT
T1OUT
(EXCEPT MAX220)
(EXCEPT MAX220)
R1IN
T2OUT
R2IN
+5V INPUT
C2+
-10V
C4
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
GND
16
5k
Ω
400k
Ω
400k
Ω
+5V
+5V
+10V TO -10V
VOLTAGE INVERTER
VCC
+5V TO +10V
VOLTAGE DOUBLER
17
C3
C5
1
10
18
SHDN
EN
(N.C.)
ALL CAPACITORS = 0.1
µF
C2-
C1+
C1-
TOP VIEW
Figure 5. MAX220/MAX232/MAX232A Pin Configuration and Typical Operating Circuit
Figure 6. MAX222/MAX242 Pin Configurations and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com