Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 12Page - Maxim Integrated Products MAX245C/D Datasheet HTML 13Page - Maxim Integrated Products MAX245C/D Datasheet HTML 14Page - Maxim Integrated Products MAX245C/D Datasheet HTML 15Page - Maxim Integrated Products MAX245C/D Datasheet HTML 16Page - Maxim Integrated Products MAX245C/D Datasheet HTML 17Page - Maxim Integrated Products MAX245C/D Datasheet HTML 18Page - Maxim Integrated Products MAX245C/D Datasheet HTML 19Page - Maxim Integrated Products MAX245C/D Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Tables 1a–1d define the control states. The MAX244
has no control pins and is not included in these tables.
The MAX246 has ten receivers and eight drivers with
two control pins, each controlling one side of the
device. A logic high at the A-side control input (ENA)
causes the four A-side receivers and drivers to go into
a three-state mode. Similarly, the B-side control input
(ENB) causes the four B-side drivers and receivers to
go into a three-state mode. As in the MAX245, one A-
side and one B-side receiver (RA5 and RB5) remain
active at all times. The entire device is put into shut-
down mode when both the A and B sides are disabled
(ENA = ENB = +5V).
The MAX247 provides nine receivers and eight drivers
with four control pins. The ENRA and ENRB receiver
enable inputs each control four receiver outputs. The
ENTA and ENTB transmitter enable inputs each control
four drivers. The ninth receiver (RB5) is always active.
The device enters shutdown mode with a logic high on
both ENTA and ENTB.
The MAX248 provides eight receivers and eight drivers
with four control pins. The ENRA and ENRB receiver
enable inputs each control four receiver outputs. The
ENTA and ENTB transmitter enable inputs control four
drivers each. This part does not have an always-active
receiver. The device enters shutdown mode and trans-
mitters go into a three-state mode with a logic high on
both ENTA and ENTB.
The MAX249 provides ten receivers and six drivers with
four control pins. The ENRA and ENRB receiver enable
inputs each control five receiver outputs. The ENTA
and ENTB transmitter enable inputs control three dri-
vers each. There is no always-active receiver. The
device enters shutdown mode and transmitters go into
a three-state mode with a logic high on both ENTA and
ENTB. In shutdown mode, active receivers operate in a
low-power receive mode at data rates up to 20kb/s.
__________Applications Information
Figures 5 through 25 show pin configurations and typi-
cal operating circuits. In applications that are sensitive
to power-supply noise, VCC should be decoupled to
ground with a capacitor of the same value as C1 and
C2 connected as close as possible to the device.
+5V-Powered, Multichannel RS-232
Drivers/Receivers
16
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com