Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 15Page - Maxim Integrated Products MAX245C/D Datasheet HTML 16Page - Maxim Integrated Products MAX245C/D Datasheet HTML 17Page - Maxim Integrated Products MAX245C/D Datasheet HTML 18Page - Maxim Integrated Products MAX245C/D Datasheet HTML 19Page - Maxim Integrated Products MAX245C/D Datasheet HTML 20Page - Maxim Integrated Products MAX245C/D Datasheet HTML 21Page - Maxim Integrated Products MAX245C/D Datasheet HTML 22Page - Maxim Integrated Products MAX245C/D Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
19
GND
10
27
R3OUT
23
R4OUT
R3IN
R4IN
5k
Ω
5k
Ω
5
4
R2OUT
R2IN
5k
Ω
RS-232
INPUTS
LOGIC
OUTPUTS
RS-232
OUTPUTS
TTL/CMOS
INPUTS
R2
8
9
R1OUT
R1IN
5k
Ω
R1
R3
R4
19
18
R5OUT
R5IN
5k
Ω
R5
2
7 T1IN
T1OUT
+5V
400k
Ω
+5V
6
3
T2IN
T2OUT
T2
400k
Ω
20
T3OUT 1
T3IN
+5V
T3
400k
Ω
C1+
C1-
1.0
µF
12
VCC
+5V INPUT
11
17
1.0
µF
13
1.0
µF
+5V TO +10V
VOLTAGE DOUBLER
26
1.0
µF
T1
28
21 T4IN
T4OUT
+5V
400k
Ω
T4
14
C2+
C2-
15
1.0
µF
16
+10V TO -10V
VOLTAGE INVERTER
V+
22
EN (EN)
24
25
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
T4OUT
R3IN
R3OUT
SHDN (SHDN)
R4IN*
C2+
R4OUT*
T4IN
T3IN
R5OUT*
R5IN*
V-
C2-
C1-
V+
C1+
VCC
GND
R1IN
R1OUT
T1IN
T2IN
R2OUT
R2IN
T2OUT
T1OUT
T3OUT
Wide SO/
SSOP
MAX223
MAX241
EN (EN)
SHDN
(SHDN)
*R4 AND R5 IN MAX223 REMAIN ACTIVE IN SHUTDOWN
NOTE: PIN LABELS IN ( ) ARE FOR MAX241
V-
TOP VIEW
Figure 8. MAX223/MAX241 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com