Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX245C/D Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX245C/D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX245C/D Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX245C/D Datasheet HTML 17Page - Maxim Integrated Products MAX245C/D Datasheet HTML 18Page - Maxim Integrated Products MAX245C/D Datasheet HTML 19Page - Maxim Integrated Products MAX245C/D Datasheet HTML 20Page - Maxim Integrated Products MAX245C/D Datasheet HTML 21Page - Maxim Integrated Products MAX245C/D Datasheet HTML 22Page - Maxim Integrated Products MAX245C/D Datasheet HTML 23Page - Maxim Integrated Products MAX245C/D Datasheet HTML 24Page - Maxim Integrated Products MAX245C/D Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
______________________________________________________________________________________
21
2
1
5
18
T2IN
T1IN
T1OUT
T2OUT
+5V INPUT
RS-232
INPUTS
TTL/CMOS
OUTPUTS
GND
GND
69
400k
Ω
+5V
400k
Ω
+5V
5k
Ω
5k
Ω
7
20
3
4
R1IN
R2IN
R2OUT
R1OUT
19
RS-232
OUTPUTS
TTL/CMOS
INPUTS
VCC
( ) ARE FOR SO PACKAGE ONLY.
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
R2IN
T2OUT
V-
R1IN
R1OUT
T1IN
C2-
C2+
V+ (C1-)
C1- (C1+)
(V+) C1+
VCC
GND
T1OUT
12
11
9
10
V- (C2+)
C2+ (C2-)
(V-) CS-
GND
DIP/SO
MAX233
MAX233A
T2IN
R2OUT
C1+
C1-
V-
V-
V+
C2+
C2-
C2-
C2+
8 (13)
13 (14)
12 (10)
17
14 (8)
11 (12)
15
16
10 (11)
DO NOT MAKE
CONNECTIONS TO
THESE PINS
INTERNAL -10
POWER SUPPLY
INTERNAL +10V
POWER SUPPLY
1.0
µF
TOP VIEW
Figure 11. MAX233/MAX233A Pin Configuration and Typical Operating Circuit
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
T3OUT
T4OUT
T4IN
T3IN
T1IN
T2IN
T2OUT
T1OUT
MAX234
V-
C2-
C2+
C1-
V+
C1+
VCC
GND
DIP/SO
V+
V-
8
C1+
C1-
1.0
µF
1.0
µF
1.0
µF
7
9
10
11
4
3
13
14
12
1
3
16
15
T1IN
T3IN
T2IN
T4IN
T1OUT
T3OUT
T2OUT
T4OUT
+5V INPUT
C2-
C2+
RS-232
OUTPUTS
TTL/CMOS
INPUTS
GND
5
+5V
+5V
+10V TO -10V
VOLTAGE INVERTER
VCC
+5V TO +10V
VOLTAGE DOUBLER
6
+5V
+5V
400k
Ω
400k
Ω
400k
Ω
400k
Ω
1.0
µF
1.0
µF
T1
T2
T4
T3
TOP VIEW
Figure 12. MAX234 Pin Configuration and Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com