Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 40Page - Microchip Technology PIC16F628 Datasheet HTML 41Page - Microchip Technology PIC16F628 Datasheet HTML 42Page - Microchip Technology PIC16F628 Datasheet HTML 43Page - Microchip Technology PIC16F628 Datasheet HTML 44Page - Microchip Technology PIC16F628 Datasheet HTML 45Page - Microchip Technology PIC16F628 Datasheet HTML 46Page - Microchip Technology PIC16F628 Datasheet HTML 47Page - Microchip Technology PIC16F628 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 160 page
background image
PIC16F62X
DS40300B-page 44
Preliminary
© 1999 Microchip Technology Inc.
5.3
I/O Programming Considerations
5.3.1
BI-DIRECTIONAL I/O PORTS
Any instruction which writes, operates internally as a
read followed by a write operation. The BCF and BSF
instructions, for example, read the register into the
CPU, execute the bit operation and write the result back
to the register. Caution must be used when these
instructions are applied to a port with both inputs and
outputs defined. For example, a BSF operation on bit5
of PORTB will cause all eight bits of PORTB to be read
into the CPU. Then the BSF operation takes place on
bit5 and PORTB is written to the output latches. If
another bit of PORTB is used as a bidirectional I/O pin
(e.g., bit0) and it is defined as an input at this time, the
input signal present on the pin itself would be read into
the CPU and re-written to the data latch of this
particular pin, overwriting the previous content. As long
as the pin stays in the input mode, no problem occurs.
However, if bit0 is switched into output mode later on,
the content of the data latch may now be unknown.
Reading a port register, reads the values of the port
pins. Writing to the port register writes the value to the
port latch. When using read modify write instructions
(ex. BCF, BSF, etc.) on a port, the value of the port pins
is read, the desired operation is done to this value, and
this value is then written to the port latch.
Example 5-2 shows the effect of two sequential
read-modify-write instructions (ex., BCF, BSF, etc.) on
an I/O port.
A pin actively outputting a Low or High should not be
driven from external devices at the same time in order
to change the level on this pin (“wired-or”, “wired-and”).
The resulting high output currents may damage
the chip.
EXAMPLE 5-2:
READ-MODIFY-WRITE
INSTRUCTIONS ON AN
I/O PORT
5.3.2
SUCCESSIVE OPERATIONS ON I/O PORTS
The actual write to an I/O port happens at the end of an
instruction cycle, whereas for reading, the data must be
valid at the beginning of the instruction cycle
(Figure 5-16). Therefore, care must be exercised if a
write followed by a read operation is carried out on the
same I/O port. The sequence of instructions should be
such to allow the pin voltage to stabilize (load
dependent) before the next instruction which causes
that file to be read into the CPU is executed. Otherwise,
the previous state of that pin may be read into the CPU
rather than the new state. When in doubt, it is better to
separate these instructions with a NOP or another
instruction not accessing this I/O port.
;
;
Initial PORT settings:
PORTB<7:4> Inputs
;
PORTB<3:0> Outputs
;
;
PORTB<7:6> have external pull-up and are not
connected to other circuitry
;
;
PORT latch
PORT pins
;
----------
----------
BDF STATUS,RPO
;
BCF PORTB, 7
; 01pp pppp
11pp pppp
BCF PORTB, 6
; 10pp pppp
11pp pppp
BSF STATUS,RP0
;
BCF TRISB, 7
; 10pp pppp
11pp pppp
BCF TRISB, 6
; 10pp pppp
10pp pppp
;
; Note that the user may have expected the pin
; values to be 00pp pppp. The 2nd BCF caused
; RB7 to be latched as the pin value (High).
FIGURE 5-16: SUCCESSIVE I/O OPERATION
Note:
This example shows write to PORTB
followed by a read from PORTB.
Note that:
data setup time = (0.25 TCY - TPD)
where TCY = instruction cycle and
TPD = propagation delay of Q1 cycle
to output valid.
Therefore, at higher clock frequencies,
a write followed by a read may be
problematic.
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
RB <7:0>
Port pin
sampled here
PC
PC + 1
PC + 2
PC + 3
NOP
NOP
MOVF PORTB, W
Read PORTB
MOVWF PORTB
Write to
PORTB
PC
Instruction
fetched
T PD
Execute
MOVWF
PORTB
Execute
MOVF
PORTB, W
Execute
NOP
RB<7:0>
PC
Instruction
fetched
MOWF PORTB
Write to PORTB
MOVF PORTB, W
Read to PORTB
NOP
NOP
Execute
MOVWF
PORTB
Execute
MOVWF
PORTB
Execute
NOP
TPD
Port pin
sampled here
PC + 1
PC + 2
PC + 3
PC
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com