Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 93Page - Microchip Technology PIC16F628 Datasheet HTML 94Page - Microchip Technology PIC16F628 Datasheet HTML 95Page - Microchip Technology PIC16F628 Datasheet HTML 96Page - Microchip Technology PIC16F628 Datasheet HTML 97Page - Microchip Technology PIC16F628 Datasheet HTML 98Page - Microchip Technology PIC16F628 Datasheet HTML 99Page - Microchip Technology PIC16F628 Datasheet HTML 100Page - Microchip Technology PIC16F628 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 97
PIC16F62X
14.2
Oscillator Configurations
14.2.1
OSCILLATOR TYPES
The PIC16F62X
can be operated in eight different
oscillator options. The user can program three
configuration bits (FOSC2 thru FOSC0) to select one of
these eight modes:
• LP
Low Power Crystal
• XT
Crystal/Resonator
• HS
High Speed Crystal/Resonator
• ER
External Resistor (2 modes)
• INTRC
Internal Resistor/Capacitor (2 modes)
• EC
External Clock In
14.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT, LP or HS modes a crystal or ceramic resonator
is connected to the OSC1 and OSC2 pins to establish
oscillation (Figure 14-2). The PIC16F62X
oscillator
design requires the use of a parallel cut crystal. Use of
a series cut crystal may give a frequency out of the
crystal manufacturers specifications. When in XT, LP or
HS modes, the device can have an external clock
source to drive the OSC1 pin (Figure 14-3).
FIGURE 14-2: CRYSTAL OPERATION
(OR CERAMIC RESONATOR)
(HS, XT OR LP OSC
CONFIGURATION)
FIGURE 14-3: EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR LP
OSC CONFIGURATION)
See Table 14-1 and Table 14-2 for recommended
values of C1 and C2.
Note:
A series resistor may be required for
AT strip cut crystals.
C1
C2
XTAL
OSC2
RS
OSC1
RF
SLEEP
To internal logic
PIC16F62X
see Note
Clock from
ext. system
PIC16F62X
OSC1
OSC2
Open
TABLE 14-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
TABLE 14-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
Ranges Characterized:
Mode
Freq
OSC1(C1)
OSC2(C2)
XT
455 kHz
2.0 MHz
4.0 MHz
22 - 100 pF
15 - 68 pF
15 - 68 pF
22 - 100 pF
15 - 68 pF
15 - 68 pF
HS
8.0 MHz
16.0 MHz
10 - 68 pF
10 - 22 pF
10 - 68 pF
10 - 22 pF
Higher capacitance increases the stability of the oscillator
but also increases the start-up time. These values are for
design guidance only. Since each resonator has its own
characteristics, the user should consult the resonator man-
ufacturer for appropriate values of external components.
Mode
Freq
OSC1(C1)
OSC2(C2)
LP
32 kHz
200 kHz
68 - 100 pF
15 - 30 pF
68 - 100 pF
15 - 30 pF
XT
100 kHz
2 MHz
4 MHz
68 - 150 pF
15 - 30 pF
15 - 30 pF
150 - 200 pF
15 - 30 pF
15 - 30 pF
HS
8 MHz
10 MHz
20 MHz
15 - 30 pF
15 - 30 pF
15 - 30 pF
15 - 30 pF
15 - 30 pF
15 - 30 pF
Higher capacitance increases the stability of the oscillator
but also increases the start-up time. These values are for
design guidance only. Rs may be required in HS mode as
well as XT mode to avoid overdriving crystals with low drive
level
specification. Since
each
crystal
has
its
own
characteristics, the user should consult the crystal manu-
facturer for appropriate values of external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com