Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 67Page - Microchip Technology PIC16F628 Datasheet HTML 68Page - Microchip Technology PIC16F628 Datasheet HTML 69Page - Microchip Technology PIC16F628 Datasheet HTML 70Page - Microchip Technology PIC16F628 Datasheet HTML 71Page - Microchip Technology PIC16F628 Datasheet HTML 72Page - Microchip Technology PIC16F628 Datasheet HTML 73Page - Microchip Technology PIC16F628 Datasheet HTML 74Page - Microchip Technology PIC16F628 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 71
PIC16F62X
12.0
UNIVERSAL SYNCHRONOUS
ASYNCHRONOUS RECEIVER
TRANSMITTER (USART)
The Universal Synchronous Asynchronous Receiver
Transmitter (USART) module is one of the two serial
I/O modules. (USART is also known as a Serial Com-
munications Interface or SCI). The USART can be con-
figured as a full duplex asynchronous system that can
communicate with peripheral devices such as CRT ter-
minals and personal computers, or it can be configured
as a half duplex synchronous system that can commu-
nicate with peripheral devices such as A/D or D/A inte-
grated circuits, Serial EEPROMs etc.
The USART can be configured in the following modes:
• Asynchronous (full duplex)
• Synchronous - Master (half duplex)
• Synchronous - Slave (half duplex)
Bit SPEN (RCSTA<7>), and bits TRISB<2:1>, have
to be set in order to configure pins RB2/TX/CK and
RB1/RX/DT as the Universal Synchronous Asyn-
chronous Receiver Transmitter.
REGISTER 12-1: TXSTA: TRANSMIT STATUS AND CONTROL REGISTER (ADDRESS 98h)
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R-1
R/W-0
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
R = Readable bit
W = Writable bit
U = Unimplemented bit,
read as ’0’
-n = Value at POR reset
bit7
bit0
bit 7:
CSRC: Clock Source Select bit
Asynchronous mode
Don’t care
Synchronous mode
1
= Master mode (Clock generated internally from BRG)
0
= Slave mode (Clock from external source)
bit 6:
TX9: 9-bit Transmit Enable bit
1
= Selects 9-bit transmission
0
= Selects 8-bit transmission
bit 5:
TXEN: Transmit Enable bit
1
= Transmit enabled
0
= Transmit disabled
Note: SREN/CREN overrides TXEN in SYNC mode.
bit 4:
SYNC: USART Mode Select bit
1
= Synchronous mode
0
= Asynchronous mode
bit 3:
Unimplemented: Read as '0'
bit 2:
BRGH: High Baud Rate Select bit
Asynchronous mode
1
= High speed
0
= Low speed
Synchronous mode
Unused in this mode
bit 1:
TRMT: Transmit Shift Register Status bit
1
= TSR empty
0
= TSR full
bit 0:
TX9D: 9th bit of transmit data. Can be parity bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com