Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 79Page - Microchip Technology PIC16F628 Datasheet HTML 80Page - Microchip Technology PIC16F628 Datasheet HTML 81Page - Microchip Technology PIC16F628 Datasheet HTML 82Page - Microchip Technology PIC16F628 Datasheet HTML 83Page - Microchip Technology PIC16F628 Datasheet HTML 84Page - Microchip Technology PIC16F628 Datasheet HTML 85Page - Microchip Technology PIC16F628 Datasheet HTML 86Page - Microchip Technology PIC16F628 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 83
PIC16F62X
12.3
USART Function
The USART function is similar to that on the
PIC16C74B, which includes the BRGH = 1 fix.
12.3.1
USART 9-BIT RECEIVER WITH ADDRESS
DETECT
When the RX9 bit is set in the RCSTA register, 9-bits
are received and the ninth bit is placed in the RX9D bit
of the RCSTA register. The USART module has a spe-
cial provision for multi-processor communication. Mul-
tiprocessor communication is enabled by setting the
ADEN bit (RCSTA<3>) along with the RX9 bit. The port
is now programmed such that when the last bit is
received, the contents of the receive shift register
(RSR) are transferred to the receive buffer, the ninth bit
of the RSR (RSR<8>) is transferred to RX9D, and the
receive interrupt is set if and only if RSR<8> = 1. This
feature can be used in a multi-processor system as fol-
lows:
A master processor intends to transmit a block of data
to one of many slaves. It must first send out an address
byte that identifies the target slave. An address byte is
identified by setting the ninth bit (RSR<8>) to a ’1’
(instead of a ’0’ for a data byte). If the ADEN and RX9
bits are set in the slave’s RCSTA register, enabling mul-
tiprocessor communication, all data bytes will be
ignored. However, if the ninth received bit is equal to a
‘1’, indicating that the received byte is an address, the
slave will be interrupted and the contents of the RSR
register will be transferred into the receive buffer. This
allows the slave to be interrupted only by addresses, so
that the slave can examine the received byte to see if it
is being addressed.
The addressed slave will then
clear its ADEN bit and prepare to receive data bytes
from the master.
When ADEN is enabled (='1'), all data bytes are
ignored. Following the STOP bit, the data will not be
loaded into the receive buffer, and no interrupt will
occur. If another byte is shifted into the RSR register,
the previous data byte will be lost.
The ADEN bit will only take effect when the receiver is
configured in 9-bit mode (RX9 = '1'). When ADEN is
disabled (='0'), all data bytes are received and the 9th
bit can be used as the parity bit.
The receive block diagram is shown in Figure 12-8.
Reception is enabled by setting bit CREN (RCSTA<4>).
12.3.1.1
SETTING UP 9-BIT MODE WITH
ADDRESS DETECT
Steps to follow when setting up an Asynchronous or
Synchronous Reception with Address Detect Enabled:
1.
Initialize the SPBRG register for the appropriate
baud rate. If a high speed baud rate is desired,
set bit BRGH.
2.
Enable asynchronous or synchronous commu-
nication by setting or clearing bit SYNC and set-
ting bit SPEN.
3.
If interrupts are desired, then set enable bit
RCIE.
4.
Set bit RX9 to enable 9-bit reception.
5.
Set ADEN to enable address detect.
6.
Enable the reception by setting enable bit CREN
or SREN.
7.
Flag bit RCIF will be set when reception is com-
plete, and an interrupt will be generated if
enable bit RCIE was set.
8.
Read the 8-bit received data by reading the
RCREG register to determine if the device is
being addressed.
9.
If any error occurred, clear the error by clearing
enable bit CREN if it was already set.
10. If the device has been addressed (RSR<8> = 1
with address match enabled), clear the ADEN
and RCIF bits to allow data bytes and address
bytes to be read into the receive buffer and inter-
rupt the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com