Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 92Page - Microchip Technology PIC16F628 Datasheet HTML 93Page - Microchip Technology PIC16F628 Datasheet HTML 94Page - Microchip Technology PIC16F628 Datasheet HTML 95Page - Microchip Technology PIC16F628 Datasheet HTML 96Page - Microchip Technology PIC16F628 Datasheet HTML 97Page - Microchip Technology PIC16F628 Datasheet HTML 98Page - Microchip Technology PIC16F628 Datasheet HTML 99Page - Microchip Technology PIC16F628 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 160 page
background image
PIC16F62X
DS40300B-page 96
Preliminary
© 1999 Microchip Technology Inc.
14.1
Configuration Bits
The configuration bits can be programmed (read as ’0’)
or left unprogrammed (read as ’1’) to select various
device configurations. These bits are mapped in
program memory location 2007h.
The user will note that address 2007h is beyond
the user program memory space. In fact, it belongs
to the special configuration memory space (2000h
– 3FFFh), which can be accessed only during program-
ming.
FIGURE 14-1: CONFIGURATION WORD
CP1
CP0
CP1
CP0
-
CPD
LVP
BODEN
MCLRE
FOSC2
PWRTE
WDTE
F0SC1
F0SC0
Register:CONFIG
Address2007h
bit13
bit0
bit 13-10:CP1:CP0: Code Protection bits (2)
Code protection for 2K program memory
11
= Program memory code protection off
10
= 0400h-07FFh code protected
01
= 0200h-07FFh code protected
00
= 0000h-07FFhcode protected
Code protection for 1K program memory
11
= Program memory code protection off
10
= Program memory code protection off
01
= 0200h-03FFh code protected
00
= 0000h-03FFh code protected
bit 8:
CPD: Data Code Protection bit(3)
1
= Data memory code protection off
0
= Data memory code protected
bit 7:
LVP: Low Voltage Programming Enable
1
= RB4/PGM pin has PGM function, low voltage programming enabled
0
= RB4/PGM is digital I/O, HV on MCLR must be used for programming
bit 6:
BODEN: Brown-out Detect Enable bit (1)
1
= BOD enabled
0
= BOD disabled
bit 5:
MCLRE: RA5/MCLR pin function select
1
= RA5/MCLR pin function is MCLR
0
= RA5/MCLR pin function is digital I/O, MCLR internally tied to VDD
bit 3:
PWRTE: Power-up Timer Enable bit (1)
1
= PWRT disabled
0
= PWRT enabled
bit 2:
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 4,1-0: FOSC2:FOSC0: Oscillator Selection bits(4)
111
= ER oscillator: CLKOUT function on RA6/OSC2/CLKOUT pin, Resistor on RA7/OSC1/CLKIN
110
= ER oscillator: I/O function on RA6/OSC2/CLKOUT pin, Resistor on RA7/OSC1/CLKIN
101
= INTRC oscillator: CLKOUT function on RA6/OSC2/CLKOUT pin, I/O function on RA7/OSC1/CLKIN
100
= INTRC oscillator: I/O function on RA6/OSC2/CLKOUT pin, I/O function on RA7/OSC1/CLKIN
011
= EC: I/O function on RA6/OSC2/CLKOUT pin, CLKIN on RA7/OSC1/CLKIN
010
= HS oscillator: High speed crystal/resonator on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
001
= XT oscillator: Crystal/resonator on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
000
= LP oscillator: Low power crystal on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
Note 1:
Enabling Brown-out Reset automatically enables Power-up Timer (PWRT) regardless of the value of bit PWRTE. Ensure the
Power-up Timer is enabled anytime Brown-out Reset is enabled.
2: All of the CP1:CP0 pairs have to be given the same value to enable the code protection scheme listed.
3: The entire data EEPROM will be erased when the code protection is turned off.
4: When MCLR is asserted in INTRC or ER mode, the internal clock oscillator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com