Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 66Page - Microchip Technology PIC16F628 Datasheet HTML 67Page - Microchip Technology PIC16F628 Datasheet HTML 68Page - Microchip Technology PIC16F628 Datasheet HTML 69Page - Microchip Technology PIC16F628 Datasheet HTML 70Page - Microchip Technology PIC16F628 Datasheet HTML 71Page - Microchip Technology PIC16F628 Datasheet HTML 72Page - Microchip Technology PIC16F628 Datasheet HTML 73Page - Microchip Technology PIC16F628 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 160 page
background image
PIC16F62X
DS40300B-page 70
Preliminary
© 1999 Microchip Technology Inc.
EXAMPLE 11-1: VOLTAGE REFERENCE
CONFIGURATION
11.2
Voltage Reference Accuracy/Error
The full range of VSS to VDD cannot be realized due to
the construction of the module. The transistors on the
top and bottom of the resistor ladder network
(Figure 11-2) keep VREF from approaching VSS or VDD.
The Voltage Reference is VDD derived and therefore,
the VREF output changes with fluctuations in VDD. The
tested absolute accuracy of the Voltage Reference can
be found in Table 17-2.
11.3
Operation During Sleep
When the device wakes up from sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the VRCON register are not affected. To minimize
current consumption in SLEEP mode, the Voltage
Reference should be disabled.
MOVLW
0x02
; 4 Inputs Muxed
MOVWF
CMCON
; to 2 comps.
BSF
STATUS,RP0
; go to Bank 1
MOVLW
0x07
; RA3-RA0 are
MOVWF
TRISA
; outputs
MOVLW
0xA6
; enable VREF
MOVWF
VRCON
; low range
; set VR<3:0>=6
BCF
STATUS,RP0
; go to Bank 0
CALL
DELAY10
; 10
µs delay
11.4
Effects of a Reset
A device reset disables the Voltage Reference by clear-
ing bit VREN (VRCON<7>). This reset also disconnects
the reference from the RA2 pin by clearing bit VROE
(VRCON<6>) and selects the high voltage range by
clearing bit VRR (VRCON<5>). The VREF value select
bits, VRCON<3:0>, are also cleared.
11.5
Connection Considerations
The
Voltage
Reference
Module
operates
independently of the comparator module. The output of
the reference generator may be connected to the RA2
pin if the TRISA<2> bit is set and the VROE bit,
VRCON<6>, is set. Enabling the Voltage Reference
output onto the RA2 pin with an input signal present will
increase current consumption. Connecting RA2 as a
digital
output with VREF enabled will also increase
current consumption.
The RA2 pin can be used as a simple D/A output with
limited drive capability. Due to the limited drive
capability, a buffer must be used in conjunction with the
Voltage Reference output for external connections to
VREF.
Figure 11-3
shows
an
example
buffering
technique.
FIGURE 11-3: VOLTAGE REFERENCE OUTPUT BUFFER EXAMPLE
TABLE 11-1:
REGISTERS ASSOCIATED WITH VOLTAGE REFERENCE
Note:
-
= Unimplemented, read as "0"
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value On
POR
Value On
All Other
Resets
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
1Fh
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
85h
TRISA
TRISA7 TRISA6
—
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
11-1 1111
11-1 1111
VREF Output
+
–
•
•
VREF
Module
Voltage
Reference
Output
Impedance
R
(1)
RA2
Note 1: R is dependent upon the Voltage Reference Configuration VRCON<3:0> and VRCON<5>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com