Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 88Page - Microchip Technology PIC16F628 Datasheet HTML 89Page - Microchip Technology PIC16F628 Datasheet HTML 90Page - Microchip Technology PIC16F628 Datasheet HTML 91Page - Microchip Technology PIC16F628 Datasheet HTML 92Page - Microchip Technology PIC16F628 Datasheet HTML 93Page - Microchip Technology PIC16F628 Datasheet HTML 94Page - Microchip Technology PIC16F628 Datasheet HTML 95Page - Microchip Technology PIC16F628 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 160 page
background image
PIC16F62X
DS40300B-page 92
Preliminary
© 1999 Microchip Technology Inc.
13.2
EECON1 AND EECON2 REGISTERS
EECON1 is the control register with five low order bits
physically implemented. The upper-three bits are non-
existent and read as ’0’s.
Control bits RD and WR initiate read and write,
respectively. These bits cannot be cleared, only set, in
software. They are cleared in hardware at completion
of the read or write operation. The inability to clear the
WR bit in software prevents the accidental, premature
termination of a write operation.
The WREN bit, when set, will allow a write operation.
On power-up, the WREN bit is clear. The WRERR bit
is set when a write operation is interrupted by a MCLR
reset or a WDT time-out reset during normal opera-
tion. In these situations, following reset, the user can
check the WRERR bit and rewrite the location. The
data and address will be unchanged in the EEDATA
and EEADR registers.
Interrupt flag bit EEIF in the PIR1 register is set when
write is complete. This bit must be cleared in software.
EECON2 is not a physical register. Reading EECON2
will read all ’0’s. The EECON2 register is used
exclusively in the Data EEPROM write sequence.
REGISTER 13-2: EECON1 REGISTER (ADDRESS 9Ch) DEVICES
UUUU
R/W-x
R/W-0
R/S-0
R/S-x
—
—
—
—
WRERR
WREN
WR
RD
R = Readable bit
W = Writable bit
S = Settable bit
U = Unimplemented bit,
read as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7:4
Unimplemented: Read as '0'
bit 3
WRERR: EEPROM Error Flag bit
1
= A write operation is prematurely terminated
(any MCLR reset, any WDT reset during normal operation or BOD detect)
0
= The write operation completed
bit 2
WREN: EEPROM Write Enable bit
1
= Allows write cycles
0
= Inhibits write to the data EEPROM
bit 1
WR: Write Control bit
1
= initiates a write cycle. (The bit is cleared by hardware once write is complete. The WR bit can only
be set (not cleared) in software.
0
= Write cycle to the data EEPROM is complete
bit 0
RD: Read Control bit
1
= Initiates an EEPROM read (read takes one cycle. RD is cleared in hardware. The RD bit can only be
set (not cleared) in software).
0
= Does not initiate an EEPROM read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com