Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 12Page - Microchip Technology PIC16F628 Datasheet HTML 13Page - Microchip Technology PIC16F628 Datasheet HTML 14Page - Microchip Technology PIC16F628 Datasheet HTML 15Page - Microchip Technology PIC16F628 Datasheet HTML 16Page - Microchip Technology PIC16F628 Datasheet HTML 17Page - Microchip Technology PIC16F628 Datasheet HTML 18Page - Microchip Technology PIC16F628 Datasheet HTML 19Page - Microchip Technology PIC16F628 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 160 page
background image
PIC16F62X
DS40300B-page 16
Preliminary
© 1999 Microchip Technology Inc.
TABLE 4-2:
SPECIAL FUNCTION REGISTERS SUMMARY BANK1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Reset
Value on
all other
resets(1)
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical reg-
ister)
xxxx xxxx
xxxx xxxx
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
0000 0000
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
84h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
85h
TRISA
TRISA7
TRISA6
—
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
11-1 1111
11-1 1111
86h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
87h
Unimplemented
—
—
88h
Unimplemented
—
—
89h
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
8Ch
PIE1
EEIE
CMIE
RCIE
TXIE
—
CCP1IE
TMR2IE
TMR1IE
0000 -000
0000 -000
8Dh
Unimplemented
—
—
8Eh
PCON
—
—
—
—
OSCF
—POR
BOD
---- 1-0x
---- 1-uq
8Fh
Unimplemented
90h
Unimplemented
—
—
91h
Unimplemented
—
—
92h
PR2
Timer2 Period Register
11111111
11111111
93h
Unimplemented
—
—
94h
Unimplemented
—
—
95h
Unimplemented
—
—
96h
Unimplemented
—
—
97h
Unimplemented
—
—
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
99h
SPBRG
Baud Rate Generator Register
0000 0000
0000 0000
9Ah
EEDATA
EEPROM data register
xxxx xxxx
uuuu uuuu
9Bh
EEADR
—
EEPROM address register
xxxx xxxx
uuuu uuuu
9Ch
EECON1
—
—
—
—
WRERR
WREN
WR
RD
---- x000
---- q000
9Dh
EECON2
EEPROM control register 2 (not a physical register)
--------
--------
9Eh
Unimplemented
—
—
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
Legend: : — = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note 1: Other (non power-up) resets include MCLR Reset, Brown-out Detect and Watchdog Timer Reset during
normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com