Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 87Page - Microchip Technology PIC16F628 Datasheet HTML 88Page - Microchip Technology PIC16F628 Datasheet HTML 89Page - Microchip Technology PIC16F628 Datasheet HTML 90Page - Microchip Technology PIC16F628 Datasheet HTML 91Page - Microchip Technology PIC16F628 Datasheet HTML 92Page - Microchip Technology PIC16F628 Datasheet HTML 93Page - Microchip Technology PIC16F628 Datasheet HTML 94Page - Microchip Technology PIC16F628 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 160 page
background image
PIC16F62X
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 91
13.0
DATA EEPROM MEMORY
The EEPROM data memory is readable and writable
during normal operation (full VDD range). This memory
is not directly mapped in the register file space. Instead
it is indirectly addressed through the Special Function
Registers. There are four SFRs used to read and write
this memory. These registers are:
• EECON1
• EECON2 (Not a physically implemented register)
• EEDATA
• EEADR
EEDATA holds the 8-bit data for read/write, and EEADR
holds the address of the EEPROM location being
accessed. PIC16F62X devices have 128 bytes of data
EEPROM with an address range from 0h to 7Fh.
The EEPROM data memory allows byte read and write.
A byte write automatically erases the location and
writes the new data (erase before write). The EEPROM
data memory is rated for high erase/write cycles. The
write time is controlled by an on-chip timer. The write-
time will vary with voltage and temperature as well as
from chip to chip. Please refer to AC specifications for
exact limits.
When the device is code protected, the CPU may
continue to read and write the data EEPROM memory.
The device programmer can no longer access
this memory.
Additional information on the Data EEPROM is avail-
able in the PICmicro™ Mid-Range Reference Manual,
(DS33023).
REGISTER 13-1: EEADR REGISTER (ADDRESS 9Bh)
13.1
EEADR
The EEADR register can address up to a maximum of
256 bytes of data EEPROM. Only the first 128 bytes of
data EEPROM are implemented and only seven of the
eight bits in the register (EEADR<6:0>) are required.
The upper bit is address decoded. This means that
this bit should always be ’0’ to ensure that the address
is in the 128 byte memory space.
U
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
EADR6
EADR5
EADR4
EADR3
EADR2
EADR1
EADR0
R = Readable bit
W = Writable bit
S = Settable bit
U = Unimplemented bit, read
as ‘0’
-n = Value at POR reset
bit7
bit0
bit 7
Unimplemented Address: Must be set to '0'
bit 6:0
EEADR: Specifies one of 128 locations for EEPROM Read/Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com