Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F628 Datasheet HTML 1Page - Microchip Technology PIC16F628 Datasheet HTML 2Page - Microchip Technology PIC16F628 Datasheet HTML 3Page - Microchip Technology PIC16F628 Datasheet HTML 4Page - Microchip Technology PIC16F628 Datasheet HTML 5Page - Microchip Technology PIC16F628 Datasheet HTML 6Page - Microchip Technology PIC16F628 Datasheet HTML 7Page - Microchip Technology PIC16F628 Datasheet HTML 8Page - Microchip Technology PIC16F628 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 1
Devices included in this data sheet:
• PIC16F627
• PIC16F628
Referred to collectively as PIC16F62X .
High Performance RISC CPU:
• Only 35 instructions to learn
• All single-cycle instructions (200 ns), except for
program branches which are two-cycle
• Operating speed:
- DC - 20 MHz clock input
- DC - 200 ns instruction cycle
• Interrupt capability
• 16 special function hardware registers
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes
Peripheral Features:
• 15 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(VREF) module
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs are externally accessible
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
• Timer1: 16-bit timer/counter with external crystal/
clock capability
• Timer2: 8-bit timer/counter with 8-bit period regis-
ter, prescaler and postscaler
• Capture, Compare, PWM (CCP) module
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
• Universal Synchronous/Asynchronous Receiver/
Transmitter USART/SCI
• 16 Bytes of common RAM
Device
Memory
FLASH
Program
RAM
Data
EEPROM
Data
PIC16F627
1024 x 14
224 x 8
128 x 8
PIC16F628
2048 x 14
224 x 8
128 x 8
Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Detect (BOD)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Multiplexed MCLR-pin
• Programmable weak pull-ups on PORTB
• Programmable code protection
• Low voltage programming
• Power saving SLEEP mode
• Selectable oscillator options
- FLASH configuration bits for oscillator options
- ER (External Resistor) oscillator
- Reduced part count
- Dual speed INTRC
- Lower current consumption
- EC External Clock input
- XT oscillator mode
- HS oscillator mode
- LP oscillator mode
• Serial in-circuit programming (via two pins)
• Four user programmable ID locations
CMOS Technology:
• Low-power, high-speed CMOS FLASH technology
• Fully static design
• Wide operating voltage range
- PIC16F627 - 3.0V to 5.5V
- PIC16F628 - 3.0V to 5.5V
- PIC16LF627 - 2.0V to 5.5V
- PIC16LF628 - 2.0V to 5.5V
• Commercial, industrial and extended temperature
range
• Low power consumption
- < 2.0 mA @ 5.0V, 4.0 MHz
-15
µA typical @ 3.0V, 32 kHz
-< 1.0
µA typical standby current @ 3.0V
FLASH-Based 8-Bit CMOS Microcontrollers
PIC16F62X


Similar Part No. - PIC16F628

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F628 MICROCHIP-PIC16F628 Datasheet
4Mb / 170P
FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
logo
Matrix Technology Solut...
PIC16F628 MATRIX-PIC16F628 Datasheet
2Mb / 13P
This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
logo
List of Unclassifed Man...
PIC16F628-I/P ETC-PIC16F628-I/P Datasheet
1Mb / 9P
PIC-IO development board Users Manual
Rev.C, October 2012
logo
Microchip Technology
PIC16F628A MICROCHIP-PIC16F628A Datasheet
3Mb / 168P
FLASH-Based 8-Bit CMOS Microcontrollers
2002
More results

Similar Description - PIC16F628

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC12F609 MICROCHIP-PIC12F609_10 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F629 MICROCHIP-PIC12F629 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
PIC12F675I-SN MICROCHIP-PIC12F675I-SN Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675-E MICROCHIP-PIC12F675-E Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com