Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 100Page - Microchip Technology PIC16F628 Datasheet HTML 101Page - Microchip Technology PIC16F628 Datasheet HTML 102Page - Microchip Technology PIC16F628 Datasheet HTML 103Page - Microchip Technology PIC16F628 Datasheet HTML 104Page - Microchip Technology PIC16F628 Datasheet HTML 105Page - Microchip Technology PIC16F628 Datasheet HTML 106Page - Microchip Technology PIC16F628 Datasheet HTML 107Page - Microchip Technology PIC16F628 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 160 page
background image
PIC16F62X
DS40300B-page 104
Preliminary
© 1999 Microchip Technology Inc.
TABLE 14-7:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on Reset
•MCLR Reset during
normal operation
•MCLR Reset during
SLEEP
• WDT Reset
• Brown-out Detect (1)
• Wake up from
SLEEP through
interrupt
• Wake up from
SLEEP through
WDT time-out
W-
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h
--
-
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h
0000 0000
0000 0000
PC + 1
(3)
STATUS
03h
0001 1xxx
000q quuu
(4)
uuuq quuu
(4)
FSR
04h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
xxxx 0000
xxxx u000
xxxx 0000
PORTB
06h
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
--00 0000
--uu uuuu
T2CON
12h
-000 0000
-000 0000
CCP1CON
17h
--00 0000
--00 0000
RCSTA
18h
0000 -00x
0000 -00x
CMCON
1Fh
0000 0000
0000 0000
uu-- uuuu
PCLATH
0Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh
0000 000x
0000 000u
uuuu uqqq
(2)
PIR1
0Ch
0000 -000
0000 -000
-q-- ----
(2,5)
OPTION
81h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
11-1 1111
11-- 1111
uu-u uuuu
TRISB
86h
1111 1111
1111 1111
uuuu uuuu
PIE1
8Ch
0000 -000
0000 -000
uuuu -uuu
PCON
8Eh
---- 1-0x
---- 1-uq
(1,6)
---- --uu
TXSTA
98h
0000 -010
0000 -010
EECON1
9Ch
---- x000
---- q000
VRCON
9Fh
000- 0000
000- 0000
uuu- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2: One or more bits in INTCON, PIR1 and/or PIR2 will be affected (to cause wake-up).
3: When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4: See Table 14-6 for reset value for specific condition.
5: If wake-up was due to comparator input changing, then bit 6 = 1. All other interrupts generating a wake-up will cause
bit 6 = u.
6: If reset was due to brown-out, then bit 0 = 0. All other resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com