Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 106Page - Microchip Technology PIC16F628 Datasheet HTML 107Page - Microchip Technology PIC16F628 Datasheet HTML 108Page - Microchip Technology PIC16F628 Datasheet HTML 109Page - Microchip Technology PIC16F628 Datasheet HTML 110Page - Microchip Technology PIC16F628 Datasheet HTML 111Page - Microchip Technology PIC16F628 Datasheet HTML 112Page - Microchip Technology PIC16F628 Datasheet HTML 113Page - Microchip Technology PIC16F628 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 160 page
background image
PIC16F62X
DS40300B-page 110
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 14-18: WATCHDOG TIMER BLOCK DIAGRAM
TABLE 14-9:
SUMMARY OF WATCHDOG TIMER REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Reset
Value on
all other
Resets
2007h
Config. bits
LVP
BOREN
MCLRE
FOSC2
PWRTE
WDTE
FOSC1
FOSC0
uuuu uuuu
uuuu uuuu
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: Shaded cells are not used by the Watchdog Timer.
Note:
_ = Unimplemented location, read as “0”
+ = Reserved for future use
From TMR0 Clock Source
(Figure 6-6)
To TMR0 (Figure 6-6)
Postscaler
Watchdog
Timer
M
U
X
PSA
8 - to -1 MUX
PSA
WDT
Time-out
1
0
0
1
WDT
Enable Bit
PS<2:0>
•
•
Note: T0SE, T0CS, PSA, PS0-PS2 are bits in the OPTION register.
8
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com