Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 139Page - Microchip Technology PIC16F628 Datasheet HTML 140Page - Microchip Technology PIC16F628 Datasheet HTML 141Page - Microchip Technology PIC16F628 Datasheet HTML 142Page - Microchip Technology PIC16F628 Datasheet HTML 143Page - Microchip Technology PIC16F628 Datasheet HTML 144Page - Microchip Technology PIC16F628 Datasheet HTML 145Page - Microchip Technology PIC16F628 Datasheet HTML 146Page - Microchip Technology PIC16F628 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 143
PIC16F62X
TABLE 17-7:
TIMER0 AND TIMER1 EXTERNAL CLOCK REQUIREMENTS
FIGURE 17-11: CAPTURE/COMPARE/PWM TIMINGS
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
40*
Tt0H
T0CKI High Pulse Width
No Prescaler
0.5TCY + 20
——
ns
With Prescaler
10
—
—
ns
41*
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
10
—
—
ns
42*
Tt0P
T0CKI Period
Greater of:
TCY + 40
N
—
—
ns
N = prescale
value (2, 4, ...,
256)
45*
Tt1H
T1CKI High
Time
Synchronous, No Prescaler
0.5TCY + 20
—
—
ns
Synchronous,
with Prescaler
16F62X
15
—
—
ns
16LF62X
25
—
—
ns
Asynchronous 16F62X
30
—
—
ns
16LF62X
50
—
—
ns
46*
Tt1L
T1CKI Low
Time
Synchronous, No Prescaler
0.5TCY + 20
—
—
ns
Synchronous,
with Prescaler
16F62X
15
—
—
ns
16LF62X
25
—
—
ns
Asynchronous 16F62X
30
—
—
ns
16LF62X
50
—
—
ns
47*
Tt1P
T1CKI input
period
Synchronous 16F62X
Greater of:
TCY + 40
N
—
—
ns
N = prescale
value (1, 2, 4, 8)
16LF62X
Greater of:
TCY + 40
N
——
—
Asynchronous 16F62X
60
—
—
ns
16LF62X
100
—
—
ns
Ft1
Timer1 oscillator input frequency range
(oscillator enabled by setting bit T1OSCEN)
DC
—
200
kHz
48
TCKEZtmr1 Delay from external clock edge to timer
increment
2Tosc
—
7Tos
c
—
* These parameters are characterized but not tested.
†Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
(Capture Mode)
50
51
52
53
54
RB3/CCP1
(Compare or PWM Mode)
RB3/CCP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com