Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 152Page - Microchip Technology PIC16F628 Datasheet HTML 153Page - Microchip Technology PIC16F628 Datasheet HTML 154Page - Microchip Technology PIC16F628 Datasheet HTML 155Page - Microchip Technology PIC16F628 Datasheet HTML 156Page - Microchip Technology PIC16F628 Datasheet HTML 157Page - Microchip Technology PIC16F628 Datasheet HTML 158Page - Microchip Technology PIC16F628 Datasheet HTML 159Page - Microchip Technology PIC16F628 Datasheet HTML 160Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 157 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 157
PIC16F62X
PIC16F62X PRODUCT IDENTIFICATION SYSTEM
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
Pattern:
3-Digit Pattern Code for QTP (blank otherwise)
Package:
P=
PDIP
SO
=
SOIC (Gull Wing, 300 mil body)
SS
=
SSOP (209 mil)
Temperature -=
0°C to +70°C
Range:
I
=
–40°C to +85°C
E
=
–40°C to +125°C
Frequency
04
=
200kHz (LP osc)
Range:
04
=
4 MHz (XT and ER osc)
20
=
20 MHz (HS osc)
Device:
PIC16F62X :VDD range 3.0V to 5.5V
PIC16F62XT:VDD range 3.0V to 5.5V (Tape and Reel)
PIC16LF62X:VDD range 2.0V to 5.5V
PIC16LF62XT:VDD range 2.0V to 5.5V (Tape and Reel)
Examples:
g)
PIC16F627 - 04/P 301 =
Commercial temp., PDIP pack-
age, 4 MHz, normal VDD limits,
QTP pattern #301.
h)
PIC16LF627- 04I/SO =
Industrial temp., SOIC pack-
age, 200kHz, extended VDD
limits.
PART NO.
-XX
X /XX XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com