Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5336 Datasheet HTML 1Page - Cirrus Logic CS5336 Datasheet HTML 2Page - Cirrus Logic CS5336 Datasheet HTML 3Page - Cirrus Logic CS5336 Datasheet HTML 4Page - Cirrus Logic CS5336 Datasheet HTML 5Page - Cirrus Logic CS5336 Datasheet HTML 6Page - Cirrus Logic CS5336 Datasheet HTML 7Page - Cirrus Logic CS5336 Datasheet HTML 8Page - Cirrus Logic CS5336 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Features
•• Complete CMOS Stereo A/D System
Delta-Sigma A/D Converters
Digital Anti-Alias Filtering
S/H Circuitry and Voltage Reference
•• Adjustable System Sampling Rates
including 32kHz, 44.1 kHz & 48kHz
•• Low Noise and Distortion
>90 dB S/(N+D)
•• Internal 64X Oversampling
•• Linear Phase Digital Anti-Alias Filtering
0.01dB Passband Ripple
80dB Stopband Rejection
•• Low Power Dissipation: 400 mW
Power-Down Mode for Portable
Applications
•• Evaluation Board Available
General Description
The CS5336, CS5338 & CS5339 are complete analog-
to-digital converters for stereo digital audio systems.
They perform sampling, analog-to-digital conversion and
anti-aliasing filtering, generating 16-bit values for both
left and right inputs in serial form. The output word rate
can be up to 50 kHz per channel.
The ADCs use delta-sigma modulation with 64X over-
sampling, followed by digital filtering and decimation,
which removes the need for an external anti-alias filter.
The CS5336 & CS5338 have an SCLK which clocks out
data on rising edges. The CS5339 has an SCLK which
clocks out data on falling edges.
The CS5336 has a filter passband of dc to 22kHz. The
CS5338 & CS5339 have a filter passband of dc to 24
kHz. The filters have linear phase, 0.01 dB passband
ripple, and >80 dB stopband rejection.
The ADC’s are housed in a 0.6" wide 28-pin plastic DIP,
and also in a 0.3" wide 28-pin SOIC surface mount
package. Extended temperature range versions of the
CS5336 are also available.
ORDERING INFORMATION:
See Page 3-59
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
AUG ’93
DS23F1
3-39
16-Bit, Stereo A/D Converters for Digital Audio
Semiconductor Corporation
AIN R
S/H
AG N D
DA C
AINL
S/H
DA C
S e ria l O u tp ut In te rface
V o ltage R e fe rence
VREF
C a libratio n
SRA M
Co m p ara to r
Co m p ara to r
LP F ilter
LP Filter
ZER O L
ZE R O R
27
26
2
3
1
28
VD +
18
DG ND
19
17
VA-
5
VL+
25
VA+
4
SM O D E
13
NC
22
NC
8
TST
11
SCL K
15
APD
6
ACAL
7
IC L K A
23
DPD
10
DCAL
9
L GND
24
Dig ita l De cim a tio n
Filter
Dig ita l De cim a tio n
Filter
C a libratio n
Microcontroller
L/R
14
F SYN C
SD ATA
16
CM O D E
12
IC L K D
20
OCL K D
21
CS5336 CS5338 CS5339


Similar Part No. - CS5336

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5336 CIRRUS-CS5336 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results

Similar Description - CS5336

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
16-bit stereo D / A converter for audio applications
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
Two-channel,16- and 18-bit D/A Converters for Digital Audio
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS5326 CIRRUS-CS5326 Datasheet
688Kb / 19P
16 & 18-Bit, Stereo A/D Converters for Digital Audio
MAR 92
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com