Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 19Page - Cirrus Logic CS5336 Datasheet HTML 20Page - Cirrus Logic CS5336 Datasheet HTML 21Page - Cirrus Logic CS5336 Datasheet HTML 22Page - Cirrus Logic CS5336 Datasheet HTML 23Page - Cirrus Logic CS5336 Datasheet HTML 24Page - Cirrus Logic CS5336 Datasheet HTML 25Page - Cirrus Logic CS5336 Datasheet HTML 26Page - Cirrus Logic CS5336 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Power Supply Circuitry
The schematic diagram in Figure 1 shows the
evaluation board power supply circuitry. Power
is supplied to the evaluation board by five bind-
ing posts. The
±5 Volt analog power supply
inputs of the converter are derived from
±15
Volts using the voltage regulators U10 and U11.
The +5 Volt digital supply for the converter and
the discrete logic on the board is provided by the
+5V and DGND binding posts. D1, D2 and D4
are transient suppressors which also provide pro-
tection from incorrectly connected power supply
leads. C25-C28, C30 and C31 provide general
power supply filtering for the analog supplies.
As shown in Figure 2, C10-C13 provide local-
ized decoupling for the converter VA+ and VA-
pins. Note that C13 is connected between VA-
and VA+ and not VA- and AGND. Space for a
ferrite bead inductor, L1, has been provided so
that the board may be modified to power the
converter’s VD+ input directly from the VA+
supply. Note that the trace connecting the VD+
power to the VD+ of the converter must be bro-
ken before L1 may be installed. R5 and C7 low-
pass filter the analog logic power supply pin,
VL+. The evaluation board uses both an analog
and a digital ground plane which are connected
at a single point by J1. This ground plane ar-
rangement isolates the board’s digital logic from
the analog circuitry.
Offset Calibration & Reset Circuit
Figure 1, shows the optional offset calibration
circuit provided on the evaluation board. Upon
power-up, this circuit provides a pulse on the
Analog-to-Digital Converter’s DPD pin initiating
an offset calibration cycle. Releasing SW1 also
initiates an offset calibration cycle. P6 (see Fig-
ure 2) selects the signal source used during
offset calibration. In the "AIN" position, the
AINL and AINR inputs are selected during cali-
bration, while in the "ZERO" position, the
ZEROL and ZEROR inputs are selected.
C25
C27
C26
C28
0.22 uF
0.47 uF
J1
+
C30
47 uF
C31
+
47 uF
0.22 uF
78L05
OUT
COM
U10
IN
D4
D2
0.47 uF
C9
+
C8
47 uF
0.1 uF
D1
+15V
-15V
+5V
U11
79L05
COM
IN
OUT
DGND
AGND
VA+
VA-
VD+
D1 = P6KE-6V8P from Thomson
D2 = D4 = 1N6276A 1.5KE
AGND
DGND
VD+
10k
C15
0.1uF
D3
1N4148
SW1
CAL
R26
Cal
(DPD CS5336)
10
11
U7D
RST
CS8402
8
9
U7E
Figure 1. Power Supply and Reset Circuitry
CDB5336,8,9
DS23DB5
3-61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com