Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5336 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5336
Description  16-Bit, Stereo A/D Converters for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5336 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5336 Datasheet HTML 15Page - Cirrus Logic CS5336 Datasheet HTML 16Page - Cirrus Logic CS5336 Datasheet HTML 17Page - Cirrus Logic CS5336 Datasheet HTML 18Page - Cirrus Logic CS5336 Datasheet HTML 19Page - Cirrus Logic CS5336 Datasheet HTML 20Page - Cirrus Logic CS5336 Datasheet HTML 21Page - Cirrus Logic CS5336 Datasheet HTML 22Page - Cirrus Logic CS5336 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
L/R - Left/Right Select, PIN 14.
In master mode (SMODE high), L/R is an output whose frequency is at the output word
rate. L/R edges occur 1 SCLK cycle before FSYNC rises. When L/R is high, left channel
data is on SDATA, except for the first SCLK cycle. When L/R is low, right channel data is
on SDATA, except for the first SCLK cycle. The MSB data bit appears on SDATA one
SCLK cycle after L/R changes.
In slave mode (SMODE low), L/R is an input which selects the left or right channel for
output on SDATA. The rising edge of L/R starts the MSB of the left channel data. L/R
frequency must be equal to the output word rate.
Although the outputs of each channel are transmitted at different times, the two words in
an L/R cycle represent simultaneously sampled analog inputs.
FSYNC - Frame Synchronization Signal, PIN 17.
In master mode (SMODE high), FSYNC is an output which goes high coincident with the
start of the first SDATA bit (MSB) and falls low immediately after the last SDATA audio
data bit (LSB).
In slave mode (SMODE low), FSYNC is an input which controls the clocking out of the
data bits on SDATA. FSYNC is normally tied high, which causes the data bits to be
clocked out immediately following L/R transitions. If it is desired to delay the data bits
from the L/R edge, then FSYNC must be low during the delay period. Bringing FSYNC
high will then enable the clocking out of the SDATA bits. Note that the MSB will be
clocked out based on the L/R edge, independent of the state of FSYNC.
Miscellaneous
NC - No Connection, PINS 8, 22.
These two pins are bonded out to test outputs. They must not be connected to any external
component or any length of PC trace.
TST -Test Input, PIN 11.
Allows access to the ADC test modes, which are reserved for factory use. Must be tied to
DGND.
CS5336, CS5338, CS5339
DS23F1
3-57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com